Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004/D Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # DSP56004/D
Description  SYMPHONY AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56004/D Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button DSP56004/D Datasheet HTML 73Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 74Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 75Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 76Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 77Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 78Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56004/D Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
Design Considerations
Electrical Design Considerations
MOTOROLA
DSP56004/D, Rev. 3
4-3
ELECTRICAL DESIGN CONSIDERATIONS
Use the following list of recommendations to assure correct DSP operation:
•
Provide a low-impedance path from the board power supply to each VCC
pin on the DSP, and from the board ground to each GND pin.
•
Use at least four 0.01–0.1
µF bypass capacitors positioned as close as
possible to the four sides of the package to connect the VCC power source
to GND.
•
Ensure that capacitor leads and associated printed circuit traces that
connect to the chip VCC and GND pins are less than 0.5 in per capacitor
lead.
•
Use at least a four-layer Printed Circuit Board (PCB) with two inner layers
for VCC and GND.
•
Because the DSP output signals have fast rise and fall times, PCB trace
lengths should be minimal. This recommendation particularly applies to
the address and data buses as well as the IRQA, IRQB, and NMI pins.
Maximum Printed Circuit Board (PCB) trace lengths on the order of
6 inches are recommended.
•
Consider all device loads as well as parasitic capacitance due to PCB
traces when calculating capacitance. This is especially critical in systems
with higher capacitive loads that could create higher transient currents in
the VCC and GND circuits.
•
All inputs must be terminated (i.e., not allowed to float) using CMOS
levels, except as noted in Section 1.
•
Take special care to minimize noise levels on the VCCP and GNDP pins.
•
If multiple DSP56004 devices are on the same board, check for cross-talk
or excessive spikes on the supplies due to synchronous operation of the
devices.
CAUTION
This device contains protective circuitry to guard against
damage due to high static voltage or electrical fields.
However,
normal
precautions
are
advised
to
avoid
application of any voltages higher than maximum rated
voltages to this high-impedance circuit. Reliability of
operation is enhanced if unused inputs are tied to an
appropriate logic voltage level (e.g., either GND or VCC).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com