Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCMA50 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320C32PCMA50 Datasheet HTML 33Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 34Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 35Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 36Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 37Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 38Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 39Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 40Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing for HOLD/ HOLDA [P = tc(H)] (see Note 6 and Figure 31)
NO
’C32 - 40
’C32 - 50
’C32 - 60
UNIT
NO.
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
80
tsu(HOLD)
Setup time, HOLD before H1 low
13
10
8
ns
81
tv(HOLDA)
Valid time, HOLDA after H1 low
0†
9
0†
7
0†
6
ns
82
tw(HOLD)
Pulse duration, HOLD low
2P
2P
2P
ns
83
tw(HOLDA)
Pulse duration, HOLDA low
P–5†
P–5†
P–5†
ns
84
td(H1L-SH)H
Delay time, H1 low to STRBx high for a HOLD
0‡
9
0‡
7
0‡
6
ns
84.1
td(H1H-IOS)H Delay time, H1 high to IOSTRB high for a HOLD
0‡
9
0‡
7
0‡
6
ns
85
tdis(H1L-S)
Disable time, H1 low to STRBx or IOSTRB (in the
high-impedance state)
0‡
9†
0‡
8†
0‡
7†
ns
86
ten(H1L-S)
Enable time, H1 low to STRBx or IOSTRB active
0‡
9
0‡
7
0‡
6
ns
87
tdis(H1L-RW)
Disable time, H1 low to R/W in the
high-impedance state
0†
9†
0†
8†
0†
7†
ns
88
ten(H1L-RW)
Enable time, H1 low to R/W (active)
0†
9
0†
7
0†
6
ns
89
tdis(H1L-A)
Disable time, H1 low to A in the high-impedance
state
0‡
10†
0‡
8†
0‡
7†
ns
90
ten(H1L-A)
Enable time, H1 low to A valid
0‡
13
0‡
12
0‡
11
ns
91
tdis(H1H-D)
Disable time, H1 high to D disabled in the
high-impedance state
0‡
9†
0‡
8†
0‡
7†
ns
† Assured from characterization but not tested
‡ Not tested
NOTE 6: HOLD is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact
sequence shown occurs; otherwise, an additional delay of one clock cycle can occur. The NOHOLD bit of the primary-bit-control register
overwrites the HOLD signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com