Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCMA50 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320C32PCMA50 Datasheet HTML 11Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 12Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 13Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 14Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 15Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 16Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 17Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 18Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
15
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
peripherals (continued)
Figure 9 shows the TMS320C32’s peripheral-bus control-register mapping, with the reserved areas shaded.
808069h
8097FFh
808068h
STRB1-Bus Control
808064h
STRB0-Bus Control
808060h
IOSTRB-Bus Control
80805Fh
808050h
80804Ch
Data Receive
808048h
Data Transmit
FSR/DR/CLKR Port Control
808046h
R/X Timer Period
808045h
R/X Timer Counter
808044h
R/X Timer Control
808043h
808042h
FSX/DX/CLKX Port Control
808014h
Serial Port Global Control
808040h
Timer 1 Period Register
808038h
Timer 1 Counter
808034h
Timer 1 Global Control
808030h
Timer 0 Period
808028h
Timer 0 Counter
808024h
Timer 0 Global Control
808020h
DMA 1 Transfer Counter
808018h
DMA 1 Destination Address
808016h
DMA 1 Source Address
808010h
DMA 1 Global Control
808009h
DMA 0 Transfer Counter
808008h
DMA 0 Destination Address
808006h
DMA 0 Source Address
808004h
808000h
DMA 0 Global Control
Reserved
Reserved
Reserved
Figure 9. Peripheral-Bus Memory-Mapped Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com