Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCMA50 Datasheet(PDF) 43 Page - Texas Instruments

Part # TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Datasheet(HTML) 43 Page - Texas Instruments

Back Button TMS320C32PCMA50 Datasheet HTML 37Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 38Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 39Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 40Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 41Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 42Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 43Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 44Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
43
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
MECHANICAL DATA
PCM(S-PQFP-G***)
PLASTIC QUAD FLATPACK
4040015/A–10/93
1,03
0,73
30,95
31,45
108
73
109
144
136
A
72
37
SQ
NO. OF PINS***
A
144
22,75 TYP
25,35 TYP
160
0,16 NOM
4,10 MAX
0
°–7°
144 PIN SHOWN
27,80
28,20
SQ
Seating Plane
0,25 MIN
0,10
0,38
0,22
0,65 TYP
(see Note C)
0,13
M
3,60
3,20
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Falls within JEDEC MS-022
D. The 144PCM is identical to 160PCM except that 4 leads per corner are removed.
E. Foot length is measured from lead tip to a position on backside of lead 0,25 mm above seating plane (gage plane)
F. Preliminary drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com