Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCMA50 Datasheet(PDF) 41 Page - Texas Instruments

Part # TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Datasheet(HTML) 41 Page - Texas Instruments

Back Button TMS320C32PCMA50 Datasheet HTML 37Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 38Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 39Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 40Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 41Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 42Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 43Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 44Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 45Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 41 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
41
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
timing for timer pin [P = tc(H)] (see Figure 35)†
NO
’C32 - 40
UNIT
NO.
MIN
MAX
UNIT
99
tsu(TCLKH1L)
Setup time, TCLK external before H1 low
10
ns
100
th(TCLKH1L)
Hold time, TCLK external after H1 low
0
ns
101
td(TCLKH1H)
Delay time, H1 high to TCLK internal valid
9
ns
102
t (TCLK)
Cycle time TCLK
TCLK external
2.6P
ns
102
tc(TCLK)
Cycle time, TCLK
TCLK internal
2P
(232)P‡
ns
103
t (TCLK)
Pulse duration TCLK high / low
TCLK external
P + 10
ns
103
tw(TCLK)
Pulse duration, TCLK high / low
TCLK internal
[tc(TCLK) /2]–5 [tc(TCLK) / 2]+5
ns
† Timing parameters 99 and 100 are applicable for a synchronous input clock. Timing parameters 102 and 103 are applicable for an asynchronous
input clock.
‡ Assured by design but not tested
NO
’C32 - 50
UNIT
NO.
MIN
MAX
UNIT
99
tsu(TCLKH1L)
Setup time, TCLK external before H1 low
8
ns
100
th(TCLKH1L)
Hold time, TCLK external after H1 low
0
ns
101
td(TCLKH1H)
Delay time, H1 high to TCLK internal valid
9
ns
102
t (TCLK)
Cycle time TCLK cycle time
TCLK external
2.6P
ns
102
tc(TCLK)
Cycle time, TCLK cycle time
TCLK internal
2P
(232)P‡
ns
103
t (TCLK)
Pulse duration TCLK high / low
TCLK external
P + 10
ns
103
tw(TCLK)
Pulse duration, TCLK high / low
TCLK internal
[tc(TCLK) /2]–5 [tc(TCLK) / 2]+5
ns
† Timing parameters 99 and 100 are applicable for a synchronous input clock. Timing parameters 102 and 103 are applicable for an asynchronous
input clock.
‡ Assured by design but not tested
NO
’C32 - 60
UNIT
NO.
MIN
MAX
UNIT
99
tsu(TCLKH1L)
Setup time, TCLK external before H1 low
6
ns
100
th(TCLKH1L)
Hold time, TCLK external after H1 low
0
ns
101
td(TCLKH1H)
Delay time, H1 high to TCLK internal valid
8
ns
102
t (TCLK)
Cycle time TCLK cycle time
TCLK external
2.6P
ns
102
tc(TCLK)
Cycle time, TCLK cycle time
TCLK internal
2P
(232)P‡
ns
103
t (TCLK)
Pulse duration TCLK high / low
TCLK external
P + 10
ns
103
tw(TCLK)
Pulse duration, TCLK high / low
TCLK internal
[tc(TCLK) /2]–5 [tc(TCLK) / 2]+5
ns
† Timing parameters 99 and 100 are applicable for a synchronous input clock. Timing parameters 102 and 103 are applicable for an asynchronous
input clock.
‡ Assured by design but not tested
101
101
100
TCLKx
H1
H3
99
102
103
Figure 35. Timing for Timer Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com