Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C32PCMA50 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMS320C32PCMA50
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32PCMA50 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMS320C32PCMA50 Datasheet HTML 12Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 13Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 14Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 15Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 16Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 17Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 18Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 19Page - Texas Instruments TMS320C32PCMA50 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
16
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts
To reduce external logic and simplify the interface, the external interrupts can be either edge- or level-triggered.
Unlike the fixed interrupt-trap vector-table location of the TMS320C30 and TMS320C31 devices, the
TMS320C32 has a user-relocatable interrupt-trap vector table. The interrupt-trap vector table must start on a
256-word boundary. Figure 10 shows the interrupt and trap vector locations memory mapping with shading to
indicate reserved areas. The reset vector is fixed to address 0h as shown in Figure 8.
EA (ITTP) + 3Fh
EA (ITTP) + 3Eh
EA (ITTP) + 3Dh
EA (ITTP) + 3Ch
EA (ITTP) + 3Bh
EA (ITTP) + 20h
TRAP0
EA (ITTP) + 1Fh
EA (ITTP) + 0Dh
DINT1
EA (ITTP) + 0Ch
DINT0
EA (ITTP) + 0Bh
TINT1
EA (ITTP) + 0Ah
TINT0
EA (ITTP) + 09h
EA (ITTP) + 08h
EA (ITTP) + 07h
RINT0
EA (ITTP) + 06h
XINT0
EA (ITTP) + 05h
INT3
EA (ITTP) + 04h
INT2
EA (ITTP) + 03h
INT1
EA (ITTP) + 02h
INT0
EA (ITTP) + 01h
EA (ITTP) + 00h
TRAP31
TRAP30
TRAP29
TRAP28
TRAP27
Reserved
Reserved
Reserved
Reserved
.
.
.
.
Reserved
Figure 10. Reset, Interrupt, and Trap Vector/Branches Memory-Map Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com