Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 10 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 10 Page - SMSC Corporation

Back Button EMC1001 Datasheet HTML 6Page - SMSC Corporation EMC1001 Datasheet HTML 7Page - SMSC Corporation EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation EMC1001 Datasheet HTML 10Page - SMSC Corporation EMC1001 Datasheet HTML 11Page - SMSC Corporation EMC1001 Datasheet HTML 12Page - SMSC Corporation EMC1001 Datasheet HTML 13Page - SMSC Corporation EMC1001 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
Revision 1.6 (01-29-07)
10
SMSC EMC1001
DATASHEET
Figure 4.2 Detailed Block Diagram
Figure 4.2 shows a detailed block diagram of the temperature measurement circuit. The EMC1001
incorporates switched capacitor technology that integrates the temperature diode
ΔV
BE from different
bias currents. The negative terminal, DN, for the temperature diode is internally biased with a forward
diode voltage referenced to ground.
The advantages of this architecture over Nyquist rate FLASH or SAR converters are superb linearity
and inherent noise immunity. The linearity can be directly attributed to the delta-sigma ADC single-bit
comparator while the noise immunity is achieved by the ~20ms integration time which translates to
50Hz input noise bandwidth.
4.2
Temperature Measurement Results and Data
The 10-bit temperature measurement results are stored in temperature value registers. Table 4.1
shows the two’s complement temperature data format with an LSB equivalent to 0.25
°C.
Note 4.1
Temperature measurement returns 1100 0000 00 for all temperatures
≤ -64.00°C
Note 4.2
Temperature measurement returns 0111 1111 11 for all temperatures
≥ +127.75
°C
The eight most significant bits are stored in the Temperature Value High Byte register and the two least
significant bits stored in the Temperature Value Low Byte register as outlined in Table 4.2. The six LSB
positions of the Temperature Value Low Byte register always read zero. In Table 4.2, the upper case
Table 4.1 Temperature Data Format
TEMPERATURE
VALID RANGE
–40
°C TO 125°C
TWO’S COMPLEMENT
-0.25
°C
1111 1111 11 Note 4.1
0.0
°C
0000 0000 00
+0.25
°C
0000 0000 01
+0.50
°C
0000 0000 10
+0.75
°C
0000 0000 11
+1
°C
0000 0001 00
+125
°C
0111 1101 00 Note 4.2
Delta Vbe
Sample
&
Hold
I
bias
I
low
I
high
1-bit
delta-sigma
Modulator
Digital
Averaging
Filter
V
DD
Internal or
Remote Diode
Bias
Diode
10-bit Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com