Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 3 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 3 Page - SMSC Corporation

  EMC1001 Datasheet HTML 1Page - SMSC Corporation EMC1001 Datasheet HTML 2Page - SMSC Corporation EMC1001 Datasheet HTML 3Page - SMSC Corporation EMC1001 Datasheet HTML 4Page - SMSC Corporation EMC1001 Datasheet HTML 5Page - SMSC Corporation EMC1001 Datasheet HTML 6Page - SMSC Corporation EMC1001 Datasheet HTML 7Page - SMSC Corporation EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
SMSC EMC1001
3
Revision 1.6 (01-29-07)
DATASHEET
Chapter 1 Pin Configuration
Figure 1.1 EMC1001 Pin Configuration
Note 1.1
This value must be greater than 1k
Ω ±5% and less than or equal to 7.5kΩ ±5%.
Note 1.2
The pull-up resistor must be connected to VDD (pin 1), and the total capacitance on this
pin must be less than 100pF.
Table 1.1 Pin Description
PIN
PIN NO.
DESCRIPTION
ADDR/THERM
1
Logic output that can be used to turn on/off a fan or throttle a CPU clock
in the event of an over-temperature condition. This is an open-drain
output. This pin is sampled following power up and the value of the pull
up resistor determines the SMBus slave address per Table 1.2.Total
capacitance on this pin must not exceed 100 pF, and the pull-up resistor
must be connected to the same supply voltage as VDD
GND
2
Ground.
VDD
3
Supply Voltage, 3.0V to 3.6V.
SMCLK
4
SMBus clock input.
ALERT
/THERM2
5
Logic output used as interrupt, SMBus alert or as a second THERM output.
This is an open-drain output.
SMDATA
6
SMBus data input/output, open drain output.
Table 1.2 SMBus Address Configuration Information
PART NUMBER
ADDR/THERM
PULL-UP RESISTOR
SMBUS
ADDRESS
PACKAGE
DESCRIPTION
EMC1001
7.5k
Ω ±5% Note 1.1, Note 1.2 1001 000b
6-Lead SOT-23
12k
Ω ±5% Note 1.2
1001 001b
6-Lead SOT-23
20k
Ω ±5% Note 1.2
0111 000b
6-Lead SOT-23
33k
Ω ±5% Note 1.2
0111 001b
6-Lead SOT-23
EMC1001-1
7.5k
Ω ±5% Note 1.1, Note 1.2 1001 010b
6-Lead SOT-23
12k
Ω ±5% Note 1.2
1001 011b
6-Lead SOT-23
20k
Ω ±5% Note 1.2
0111 010b
6-Lead SOT-23
33k
Ω ±5% Note 1.2
0111 011b
6-Lead SOT-23
6
4
1
2
3
GND
V
DD
SMDATA
SMCLK
5
ADDR/THERM
ALERT/THERM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com