Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 14 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 14 Page - SMSC Corporation

Back Button EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation EMC1001 Datasheet HTML 10Page - SMSC Corporation EMC1001 Datasheet HTML 11Page - SMSC Corporation EMC1001 Datasheet HTML 12Page - SMSC Corporation EMC1001 Datasheet HTML 13Page - SMSC Corporation EMC1001 Datasheet HTML 14Page - SMSC Corporation EMC1001 Datasheet HTML 15Page - SMSC Corporation EMC1001 Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
Revision 1.6 (01-29-07)
14
SMSC EMC1001
DATASHEET
Bit 7 is used to mask the ALERT/THERM2 signal. When this bit is set to 0, any out of limit condition
will assert ALERT/THERM2. This bit is ignored if the ALERT/THERM2 pin is configured as THERM2 signal
by bit 5.
Bit 6 initiates ADC conversions.
When this bit is low, the ADC will convert temperatures in a
continuous mode.
When this bit is high, the ADC will be in standby mode, thus reducing supply
current significantly though the SMBus will still be active. If bit 6 is 1 and the one-shot register is
written to, the ADC will execute a temperature measurement and then return to standby mode.
Bit 5 sets the ALERT/THERM2 pin to act as either an SMBALERT# signal or as the THERM2 signal. If
bit 5 is set to 1 the ALERT/THERM2 pin acts as the THERM2 signal and bit 7 is ignored.
4.9
Conversion Rate Register
The conversion rate register determines how many times the temperature value will be updated per
second. The lowest 4 bits configure a programmable delay that waits between consecutive conversion
cycles to obtain the desired conversion rate. Table 4.6 shows the conversion rate and the associated
quiescent current.
Table 4.5 Configuration Register
CONFIGURATION REGISTER
BIT
NAME
FUNCTION
DEFAULT
7
MASK1
0 = ALERT enabled
1 = ALERT disabled
0
6
RUN/STOP
0 = Active mode (continuously running)
1 = Standby mode
0
5
ALERT
or THERM2
0 = ALERT
1 = THERM2
0
4 – 0
Reserved
0
Table 4.6 Conversion Rates
CONVERSION RATE
VALUE
CONVERSIONS/SECOND
TYPICAL QUIESCENT CURRENT (
μA)
00h
0.0625
36
01h
0.125
37
02h
0.25
38
03h
0.5
40
04h
1
44
05h
2
54
06h
4
71
07h
8
109
08h
16
182
09h
32
326
0Ah to FFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com