Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 5 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 5 Page - SMSC Corporation

  EMC1001 Datasheet HTML 1Page - SMSC Corporation EMC1001 Datasheet HTML 2Page - SMSC Corporation EMC1001 Datasheet HTML 3Page - SMSC Corporation EMC1001 Datasheet HTML 4Page - SMSC Corporation EMC1001 Datasheet HTML 5Page - SMSC Corporation EMC1001 Datasheet HTML 6Page - SMSC Corporation EMC1001 Datasheet HTML 7Page - SMSC Corporation EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
SMSC EMC1001
5
Revision 1.6 (01-29-07)
DATASHEET
Chapter 2 Electrical Characteristics
Table 2.1 Electrical Characteristics
VDD=3.0V to 3.6V, TA= -25°C to +125°C, Typical values at TA = 27°C unless otherwise noted
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
DC Power
Supply Voltage
VDD
3.0
3.3
3.6
V
Average Operating Current
IDD
47
TBD
μA
0.0625 conversion/s
See Table 4.6,
"Conversion Rates,"
on page 14
IPD
4.8
10
μA
Standby mode
Temperature Measurement
Accuracy
±0.5
±1.5
°C40°C≤T
A≤85°C
±1
±3
°C
-25
°C≤T
A≤125°C
Resolution
0.25
°C
Conversion Time
26
ms
Voltage Tolerance
Voltage at pin (ADDR/THERM, )VTOL
-0.3
3.6
V
Voltage at pin (ALERT/THERM2,
SMDATA,SMCLK)
VTOL
-0.3
5.5
V
Digital Outputs (ADDR/THERM, ALERT/THERM2)
Output Low Voltage
VOL
0.4
V
IOUT=-4mA
High Level Leakage Current
IOH
0.1
1
μA
VOUT=VDD
SMBus Interface (SMDATA,SMCLK)
Input High Level
VIH
2.0
V
Input Low Level
VIL
0.8
V
Input High/Low Current
IIH/IIL
-1
1
μA
Hysteresis
500
mV
Input Capacitance
5
pF
Output Low Sink Current
6
mA
SMDATA = 0.6V
SMBus Timing
Clock Frequency
FSMB
10
400
kHz
Spike Suppression
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com