Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 1 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 1 Page - SMSC Corporation

  EMC1001 Datasheet HTML 1Page - SMSC Corporation EMC1001 Datasheet HTML 2Page - SMSC Corporation EMC1001 Datasheet HTML 3Page - SMSC Corporation EMC1001 Datasheet HTML 4Page - SMSC Corporation EMC1001 Datasheet HTML 5Page - SMSC Corporation EMC1001 Datasheet HTML 6Page - SMSC Corporation EMC1001 Datasheet HTML 7Page - SMSC Corporation EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SMSC EMC1001
DATASHEET
Revision 1.6 (01-29-07)
Datasheet
PRODUCT FEATURES
EMC1001
1.5°C SMBus
Temperature Sensor in
Miniature SOT-23
General Description
The EMC1001 is a tiny SMBus temperature sensor with
±1.5
°C accuracy and two interrupts. Packaged in a
SOT23-6, the EMC1001 provides an accurate, low-cost,
low-current, solution for critical temperature monitoring
in a PC or embedded applications.
The EMC1001 generates two separate interrupts with
programmable thermal trip points. The THERM output
operates as a thermostat with programmable threshold
and hysteresis. The ALERT output can be configured
as a maskable SMBus alert
with
programmable
window comparator limits, or as a second THERM
output. An efficient fan control system can be created
since this output may be used to control a fan.
A power down mode extends battery life in portable
applications.
Each part number may be configured to respond to one
of four separate SMBus addresses.
Features
Self Contained Internal Temperature Sensor
—0.25
°C resolution
—
±1.5°C Accuracy 40°C to 85°C
Small 6-lead SOT lead-free RoHS compliant
packages
SMBus address selected by external resistor
—
Select 1 of 4 per package, 8 addresses available
Maskable Interrupt using ALERT
One-shot Command during standby
Low Power, 3.0V to 3.6V Supply
—
47uA at 0.0625 Conversions per Second (Typical)
—
4.8uA in Standby (Typical)
SMBus 2.0 Compliant interface
Programmable temperature conversion rate
Applications
Desktop and Notebook Computers
Thermostats
Smart batteries
Industrial/Automotive
Other Electronic Systems
Simplified Block Diagram
EMC1001
Internal
Temp Diode
Switching
Current
SMCLK
High Limit Registers
THERM Hysteresis Register
Low Limit Registers
THERM Limit Register
Address Pointer Register
Conversion Rate Register
Interrupt Masking
Status Register
Configuration Register
Temperature
Register
ALERT
SMDATA
10-bit
delta-sigma
ADC
THERM


Similar Part No. - EMC1001

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
EMC1001 MICROCHIP-EMC1001 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
EMC1001 MICROCHIP-EMC1001 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
EMC1001-1-AFZQ-TR MICROCHIP-EMC1001-1-AFZQ-TR Datasheet
395Kb / 24P
짹1.5째C SMBus Temperature Sensor in Miniature TSOT
01/27/15
EMC1001-AFZQ-TR MICROCHIP-EMC1001-AFZQ-TR Datasheet
395Kb / 24P
짹1.5째C SMBus Temperature Sensor in Miniature TSOT
01/27/15
EMC1001 MICROCHIP-EMC1001_15 Datasheet
395Kb / 24P
짹1.5째C SMBus Temperature Sensor in Miniature TSOT
01/27/15
More results

Similar Description - EMC1001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1695 LINER-LTC1695 Datasheet
227Kb / 20P
SMBus/I2C Fan Speed Controller in SOT-23
logo
List of Unclassifed Man...
ATS50 ETC2-ATS50 Datasheet
298Kb / 9P
LOW-VOLTAGE SOT-23 TEMPERATURE SENSOR
logo
Analog Devices
AD7814 AD-AD7814 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
AD7814 AD-AD7814_15 Datasheet
128Kb / 8P
10-Bit Digital Temperature Sensor in 6-Lead SOT-23
REV. E
logo
Linear Technology
LTC1695 LINER-LTC1695_15 Datasheet
215Kb / 20P
SMBus/IC Fan Speed Controller in SOT-23
logo
Texas Instruments
SM73710 TI-SM73710 Datasheet
374Kb / 12P
SM73710 2.7V, SOT-23 Temperature Sensor
TMP100 TI-TMP100_15 Datasheet
886Kb / 30P
TMP10x Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
LM50 TI-LM50_15 Datasheet
830Kb / 15P
SOT-23 Single-Supply Centigrade Temperature Sensor
logo
Microchip Technology
EMC1001 MICROCHIP-EMC1001_15 Datasheet
395Kb / 24P
짹1.5째C SMBus Temperature Sensor in Miniature TSOT
01/27/15
logo
Texas Instruments
TMP100-Q1 TI1-TMP100-Q1_17 Datasheet
414Kb / 29P
Temperature Sensor With I2C and SMBus Interface with Alert Function in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com