Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 11 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button EMC1001 Datasheet HTML 7Page - SMSC Corporation EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation EMC1001 Datasheet HTML 10Page - SMSC Corporation EMC1001 Datasheet HTML 11Page - SMSC Corporation EMC1001 Datasheet HTML 12Page - SMSC Corporation EMC1001 Datasheet HTML 13Page - SMSC Corporation EMC1001 Datasheet HTML 14Page - SMSC Corporation EMC1001 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
SMSC EMC1001
11
Revision 1.6 (01-29-07)
DATASHEET
“B” shows the bit position of a 16-bit word created by concatenating the High Byte and Low Byte, and
the lower case “b” shows the bit position in the 10-bit value.
4.3
ALERT/THERM2 Output
The ALERT/THERM2 output asserts if an out of limit measurement is detected (TA
≤ low limit or TA >
high limit). The ALERT/THERM2 pin is an open drain output and requires a pull up resistor to VDD.The
ALERT
/THERM2 pin can be used as an SMBALERT#, or may be configured as a second THERM output.
As described in the SMBus specification, an SMBus slave may inform the SMBus master that it wants
to talk by asserting the SMBALERT# signal. One or more ALERT outputs can be hardwired together
as a wired-or bus to a common input.
The ALERT/THERM2 pin resets when the EMC1001 responds to an alert response address (ARA=0001
100) sent by the host, and if the out of limit condition no longer exists, but it does not reset if the error
condition remains. The ALERT/THERM2 pin can be masked so that it will not assert in the event of an
out of limit temperature measurement, except when it is configured as a second THERM pin.
Figure 4.3 ALERT Response to Temperature Limits Exceeded
The ALERT/THERM2 pin can be configured as a second THERM pin that asserts when the temperature
measurement exceeds the Temperature High Limit value. In this mode, the output will not de-assert
until the temerature drops below the Temperature High Limit minus the THERM Hysteresis value.
4.4
ADDR/THERM Output
The ADDR/THERM output asserts if the temperature measurement exceeds the programmable THERM
limit. It can be used to drive a fan or other failsafe devices. The ADDR/THERM pin is open drain and
requires a pull up resistor to VDD. The value of this pull up resistor determines the slave address per
Table 1.2 on page 3. The ADDR/THERM pin cannot be masked.
When the ADDR/THERM pin is asserted, it will not de-assert until the temperature drops below the
THERM limit minus the THERM hysteresis value.
Table 4.2 Bit Position of Two Byte Values
HIGH BYTE
LOW BYTE
B15
B14
B13
B12
B11
B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
0
0
0
Temp
Time
Temperature High Limit
Temperature Low Limit
ALERT/THERM2
Logic High
Logic
Level
SMBus ARA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com