Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 12 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 12 Page - SMSC Corporation

Back Button EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation EMC1001 Datasheet HTML 10Page - SMSC Corporation EMC1001 Datasheet HTML 11Page - SMSC Corporation EMC1001 Datasheet HTML 12Page - SMSC Corporation EMC1001 Datasheet HTML 13Page - SMSC Corporation EMC1001 Datasheet HTML 14Page - SMSC Corporation EMC1001 Datasheet HTML 15Page - SMSC Corporation EMC1001 Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
Revision 1.6 (01-29-07)
12
SMSC EMC1001
DATASHEET
Figure 4.4 THERM Response to THERM Limit Exceeded
4.5
Standby Mode
The EMC1001 can be set to standby mode (low power) by setting a bit in the Configuration Register
as described in Section 4.8 on page 13. This shuts down all internal analog functions while the SMBus
remains enabled. When the EMC1001 is in standby mode, a One-Shot command measurement can
be initiated. The user may also write new values to the limit registers described in Section 4.10 on
page 15 while in standby. If the previously stored temperature is outside any of the new limits, the
ALERT
/THERM2 output will respond as described in Section 4.3 and the ADDR/THERM output will
respond as described in Section 4.4.
4.6
Register Allocation
The following registers shown in Table 4.3 are accessible through the SMBus:
Table 4.3 Register Map
REGISTER
ADDRESS
(HEX)
R/W
REGISTER NAME
POWER-ON DEFAULT
00
R
Temperature Value High Byte
0000 0000
01
R
Status
undefined
02
R
Temperature Value Low Byte
0000 0000
03
R/W
Configuration
0000 0000
04
R/W
Conversion Rate
0000 0100
05
R/W
Temperature High Limit High Byte
0101 0101 (85
°C)
06
R/W
Temperature High Limit Low Byte
0000 0000
07
R/W
Temperature Low Limit High Byte
0000 0000 (0
°C)
08
R/W
Temperature Low Limit Low Byte
0000 0000
0F
W
One-Shot
N/A
20
R/W
THERM Limit
0101 0101 (85
°C)
21
R/W
THERM Hysteresis
0000 1010 (10
°C)
22
R/W
SMBus Timeout Enable
0000 0001
FD
R
Product ID Register
0000 0000 (EMC1001)
0000 0001 (EMC1001-1)
FE
R
Manufacture ID
0101 1101
FF
R
Revision Number
0000 0011 Note 4.3
Temp
Time
THERM Limit
THERM Limit - THERM Hysterisis
THERM
THERM
Hysteresis
Logic High
Logic
Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com