Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 16 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 16 Page - SMSC Corporation

Back Button EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation EMC1001 Datasheet HTML 10Page - SMSC Corporation EMC1001 Datasheet HTML 11Page - SMSC Corporation EMC1001 Datasheet HTML 12Page - SMSC Corporation EMC1001 Datasheet HTML 13Page - SMSC Corporation EMC1001 Datasheet HTML 14Page - SMSC Corporation EMC1001 Datasheet HTML 15Page - SMSC Corporation EMC1001 Datasheet HTML 16Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Chapter 5 Package Outline
Figure 5.1 EMC1001, 6 Pin SOT Package Outline; 1.6mm Body Width, 0.95mm Pitch
SEATING PLANE
ccc C
C
DETAIL "A" (SCALE: 2/1)
GAUGE PLANE
0
0.25
H
L
L1
SIDE VIEW
3-D VIEWS
INDEX AREA
(D/2 x E1/2)
3
3
5
24
4
12
3
N4
6
N = 5 LEADS
N = 6 LEADS
NOTES:
1. "N" IS THE TOTAL NUMBER OF LEADS .
2. TRUE POSITION SPREAD TOLERANCE IS ± 0.10mm AT MAXIMUM MATERIAL CONDITION.
3. PACKAGE BODY DIMENSION "D" DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR
GATE BURRS. MAXIMUM MOLD FLASH, PROTRUSIONS OR GATE BURRS IS 0.25 mm PER
END. DIMENSION "E1" DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION.
MAXIMUM INTERLEAD FLASH OR PROTRUSION IS 0.25 mm PER SIDE. "D1" & "E1"
DIMENSIONS ARE DETERMINED AT DATUM PLANE "H".
4. DIMENSIONS "b" & "c" APPLY TO THE FLAT SECTION OF THE LEAD BETWEEN 0.08 TO
0.15 mm FROM THE LEAD TIP.
5. DETAILS OF PIN 1 IDENTIFIER ARE OPTIONAL, BUT MUST BE LOCATED WITHIN THE
INDEX AREA INDICATED (SEE TOP VIEW).
6. FIVE LEAD PACKAGE IS A VERSION OF 6 LEAD PACKAGE, WHERE LEAD #5 HAS BEEN
REMOVED FROM 6 LEAD PACKAGE.
D
E
E1
e
5X b
SEE DETAIL "A"
c
TOP VIEW
END VIEW
A1
A2
A
A
INITIAL RELEASE
7/07/04
S .K.ILIEV
DECIMAL
X.X
X.XX
X.XXX
MATERIAL
FINISH
STD COMPLIANCE
THIRD ANGLE PROJECTION
PRINT WITH "SCALE TO FIT"
DO NOT SCALE DRAWING
APPROVED
ANGULAR
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN MILLIME TERS
AND TOLERANCES ARE:
DIM AND TOL PER ASME Y14.5M - 1994
DRAWN
CHECKED
NAME
SCALE
80 ARKAY DRIVE
HAUP PAUGE, NY 11788
USA
DWG NUMBER
TITLE
DATE
SHEET
REV
REVISION HISTORY
DES CRIPTION
REVI SION
RELEAS ED BY
DATE
S.K.ILIEV
S.K.ILIEV
S.K.ILIEV
±1°
-
-
±0.025
±0.05
±0.1
7/07/04
1:1
7/06/04
7/06/04
A
JEDEC: MO-178 / AA, AB
1 OF 1
1.6mm BODY WIDTH, 0.95mm PITCH
PACKAGE OUTLINE: 5/6 PIN SOT
MO-5/6 SOT-2.9x1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com