Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 8 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 8 Page - SMSC Corporation

Back Button EMC1001 Datasheet HTML 4Page - SMSC Corporation EMC1001 Datasheet HTML 5Page - SMSC Corporation EMC1001 Datasheet HTML 6Page - SMSC Corporation EMC1001 Datasheet HTML 7Page - SMSC Corporation EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation EMC1001 Datasheet HTML 10Page - SMSC Corporation EMC1001 Datasheet HTML 11Page - SMSC Corporation EMC1001 Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
Revision 1.6 (01-29-07)
8
SMSC EMC1001
DATASHEET
3.4
Receive Byte
The Receive Byte protocol is used to read data from a register when the internal register address pointer
is known to be at the right location (e.g. set via Send Byte). This can be used for consecutive reads of
the same register as shown below:
3.5
Alert Response Address
The ALERT/THERM2 output can be used as an SMBALERT# as described in 4.3, "ALERT/THERM2
Output," on page 11.
The Alert Response Address is polled by the Host whenever it detects an
SMBALERT#, i.e. when the ALERT/THERM2 pin is asserted. The EMC1001 will acknowlege the Alert
Response Address and respond with its device address as shown below.
3.6
SMBus Addresses
The EMC1001 is available in two versions, each of which has four 7-bit slave addresses that are
enabled based on the pull-up resistor on the ADDR/THERM pin. The value of this pull up resistor
determines the slave address per Table 1.2 on page 3. Attempting to communicate with the EMC1001
SMBus interface with an invalid slave address or invalid protocol results in no response from the device
and does not affect its register contents. The EMC1001 supports stretching of the SMCLK signal by
other devices on the SMBus but will not perform this operation itself. The EMC1001 has an SMBus
timeout feature. Bit 7 of the SMBus Timeout Enable register enables this function when set to 1 (the
default setting is 0). When this feature is enabled, the SMBus will timeout after approximately 25ms
of inactivity.
Table 3.4 SMBus Receive Byte Protocol
FIELD:
START
SLAVE ADDR
RD
ACK
REG. DATA
NACK
STOP
Bits:
17
1
1
8
1
1
Table 3.5 Modified SMBus Receive Byte Protocol Response to ARA
FIELD:
START
ALERT
RESPONSE
ADDRESS
RD
ACK
EMC1001 SLAVE
ADDRESS
NACK
STOP
Bits:
17
1
1
8
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com