Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1001 Datasheet(PDF) 9 Page - SMSC Corporation

Part # EMC1001
Description  1.5째C SMBus Temperature Sensor in Miniature SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC1001 Datasheet(HTML) 9 Page - SMSC Corporation

Back Button EMC1001 Datasheet HTML 5Page - SMSC Corporation EMC1001 Datasheet HTML 6Page - SMSC Corporation EMC1001 Datasheet HTML 7Page - SMSC Corporation EMC1001 Datasheet HTML 8Page - SMSC Corporation EMC1001 Datasheet HTML 9Page - SMSC Corporation EMC1001 Datasheet HTML 10Page - SMSC Corporation EMC1001 Datasheet HTML 11Page - SMSC Corporation EMC1001 Datasheet HTML 12Page - SMSC Corporation EMC1001 Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
1.5°C SMBus Temperature Sensor in Miniature SOT-23
Datasheet
SMSC EMC1001
9
Revision 1.6 (01-29-07)
DATASHEET
Chapter 4 Product Description
The EMC1001 is an SMBus temperature that monitors a single temperature zone. Thermal
management is performed in cooperation with a host device. The host reads the temperature data from
the EMC1001 and takes appropriate action such as controlling fan speed or processor clock frequency.
The EMC1001 has programmable temperature limit registers that define a safe operating window. After
the host has configured the temperature limits, the EMC1001 can operate as a free-running
independent watchdog to warn the host of temperature hot spots without requiring the host to poll the
device. The ADDR/THERM output can be used to control a fan without host intervention.
Figure 4.1 Controlling a fan without host intervention.
The EMC1001 has two basic modes of operation:
Run Mode: In this mode, the EMC1001 continuously converts temperature data and updates its
registers. The rate of temperature conversion is configured as shown in Section 4.9 on page 14.
Standby Mode: In this mode, the EMC1001 is placed in standby to conserve power as described
in Section 4.5 on page 12.
4.1
Temperature Monitors
Thermal diode temperature measurements are based on the change in forward bias voltage (
ΔV
BE) of
a diode when operated at two different currents:
The change in
ΔV
BE voltage is proportional to absolute temperature T.
where:
k = Boltzmann’s constant
T = absolute temperature in Kelvin
q = electron charge
η = diode ideality factor
ADDR/THERM
ALERT/THERM2
EMC1001
Host
Fan
Driver
SMDATA
Internal
Diode
SMCLK
SMBus
Interface
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
−
=
Δ
LOW
HIGH
LOW
BE
HIGH
BE
BE
I
I
q
kT
V
V
V
ln
_
_
η



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com