Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 13Page - NXP Semiconductors PCD5003 Datasheet HTML 14Page - NXP Semiconductors PCD5003 Datasheet HTML 15Page - NXP Semiconductors PCD5003 Datasheet HTML 16Page - NXP Semiconductors PCD5003 Datasheet HTML 17Page - NXP Semiconductors PCD5003 Datasheet HTML 18Page - NXP Semiconductors PCD5003 Datasheet HTML 19Page - NXP Semiconductors PCD5003 Datasheet HTML 20Page - NXP Semiconductors PCD5003 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
1997 Jun 24
17
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Table 13 Index register
Notes
1. The index register only uses the least significant nibble, the upper 4 bits are ignored.
2. Writing to registers 0B to 0F has no effect, reading produces meaningless data.
ADDRESS(1)
REGISTER FUNCTION
ACCESS
00H
status
R
00H
control
W
01H
real time clock: seconds
R/W
02H
real time clock: 1
⁄100 second
R/W
03H
alert cadence
W
04H
alert set-up
W
05H
periodic interrupt modulus
W
05H
periodic interrupt counter
R
06H
RAM write address pointer
R
07H
EEPROM address pointer
R/W
08H
RAM read address pointer
R/W
09H
RAM data output
R
0AH
EEPROM data input/output
R/W
0BH to 0FH
unused
note 2
7.24
External interrupt
The PCD5003 can signal events to an external controller
via an interrupt signal on output INT. The interrupt polarity
is programmable via SPF programming. The interrupt
source is shown in the status register.
Interrupts are generated by the following events (more
than one event possible):
• Call data available for output (bit D2)
• SRAM pointers becoming equal (bit D3)
• Expiry of periodic time-out (bit D7)
• Expiry of alert time-out (bit D4)
• Change of state in out-of-range indicator (bit D5)
• Change of state in battery-low indicator or in receiver
control output RXE (bit D6).
Immediate interrupts are generated by status bits D3, D4,
D6 (RXE monitoring) and D7. Bits D2, D5 and D6 (BAT
monitoring) generate interrupts as soon as the receiver is
disabled (RXE = 0).
When call data is available (D2 = 1) but the receiver
remains switched on, an interrupt is generated at the next
sync word position.
The interrupt output INT is reset after completion of a
status read operation.
7.25
Status/Control register
The status/control register consists of two independent
registers, one for reading (status) and one for writing
(control).
The status register shows the current operating condition
of the decoder and the cause(s) of an external interrupt.
The control register activates/deactivates certain
functions. Tables 14 and 15 show the bit allocations of
both registers.
All status bits will be reset after a status read operation
except for the out-of-range, battery-low and receiver
enable indicator bits (see note 1 to Table 14).
Status bit D0 is set when call reception is started by
detection of an enabled RIC (user address). This does not
generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com