Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 15Page - NXP Semiconductors PCD5003 Datasheet HTML 16Page - NXP Semiconductors PCD5003 Datasheet HTML 17Page - NXP Semiconductors PCD5003 Datasheet HTML 18Page - NXP Semiconductors PCD5003 Datasheet HTML 19Page - NXP Semiconductors PCD5003 Datasheet HTML 20Page - NXP Semiconductors PCD5003 Datasheet HTML 21Page - NXP Semiconductors PCD5003 Datasheet HTML 22Page - NXP Semiconductors PCD5003 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
1997 Jun 24
19
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
7.28
Real time clock
The PCD5003 provides a periodic reference pulse at
output REF. The frequency of this signal can be selected
by SPF programming:
• 32768 Hz
• 50 Hz (square-wave)
• 2Hz
• 1⁄60 Hz.
The 32768 Hz signal does not have a fixed period: it
consists of 32 pulses distributed over 75 main oscillator
cycles at 76.8 kHz. The timing is shown in Fig.14.
When programmed for 1
⁄60 Hz (1 pulse per minute) the
pulse at output REF is held off while the receiver is
enabled.
Except for the 50 Hz frequency the pulse width tRFP is
equal to one decoder clock period.
The real time clock counter runs continuously irrespective
of the operating condition of the PCD5003. It contains a
seconds register (maximum 59) and a 1
⁄100 second
register (maximum 99), which can be read or written via
the I2C-bus. The bit allocation of both registers is shown in
Tables 16 and 17.
Table 16 Real time clock; seconds register (01H;
read/write)
BIT
(MSB D7)
VALUE
DESCRIPTION
D0
−
1s
D1
−
2s
D2
−
4s
D3
−
8s
D4
−
16 s
D5
−
32 s
D6
X
not used: ignored when written,
undetermined when read
D7
X
not used: ignored when written,
undetermined when read
Table 17 Real time clock; 1
⁄100 second register (02H;
read/write)
7.29
Periodic interrupt
A periodic interrupt can be realised with the Periodic
Interrupt Counter. This 8-bit counter is incremented every
1
⁄100 second and produces an interrupt when it reaches the
value stored in the Periodic Interrupt Modulus register.
The Counter register is then reset and counting continues.
Operation is started by writing a non-zero value to the
Modulus register. Writing a zero will stop interrupt
generation immediately and will halt the Periodic Interrupt
Counter after 2.55 seconds.
The Modulus register is write-only, the Counter register
can only be read. Both registers have the same index
address (05H).
7.30
Received call delay
Call reception causes both the Periodic Interrupt Modulus
and the Counter register to be reset.
Since the Periodic Interrupt Counter runs for another
2.55 seconds after a reset, the received call delay
(in 1
⁄100 second units) can be determined by reading the
Counter register.
BIT
(MSB D7)
VALUE
DESCRIPTION
D0
−
0 01 s
D1
−
0.02 s
D2
−
0.04 s
D3
−
0.08 s
D4
−
0.16 s
D5
−
0.32 s
D6
−
0.64 s
D7
X
not used: ignored when written,
undetermined when read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com