Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 23Page - NXP Semiconductors PCD5003 Datasheet HTML 24Page - NXP Semiconductors PCD5003 Datasheet HTML 25Page - NXP Semiconductors PCD5003 Datasheet HTML 26Page - NXP Semiconductors PCD5003 Datasheet HTML 27Page - NXP Semiconductors PCD5003 Datasheet HTML 28Page - NXP Semiconductors PCD5003 Datasheet HTML 29Page - NXP Semiconductors PCD5003 Datasheet HTML 30Page - NXP Semiconductors PCD5003 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
1997 Jun 24
27
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
7.55
Synthesizer programming data
Data for programming a PLL synthesizer via pins ZSD,
ZSC and ZLE can be stored in row 1 of the EEPROM.
Six bytes are available starting from address 08H.
Data is transferred in two serial blocks of 24 bits each,
starting with bit 0 (MSB) of block 1. Any unused bits must
be programmed at the beginning of a block.
7.56
Identifier storage allocation
Up to 6 different identifiers can be stored in EEPROM for
matching with incoming data. The PCD5003 can
distinguish two types of identifiers:
• User addresses (RIC)
• User Programmable Sync Words (UPSW).
Identifiers are stored in EEPROM rows 2, 3 and 4. Each
identifier location consists of 3 bytes in the same column.
The identifier number is equal to the column number + 1.
Only the last 4 identifiers (numbers 3 to 6) can be
programmed as a UPSW. Identifiers 1 and 2 always
represent RICs. A UPSW represents an unused address
and must differ by more than 6 bits from preamble to
guarantee detection.
The standard POCSAG sync word is always enabled and
has identifier number 7.
Table 26 shows the memory locations of the 6 identifiers.
The bit allocation per identifier is given in Table 27.
Table 25 Synthesizer programming data (EEPROM address 08H to 0DH)
Table 26 Identifier storage allocation (EEPROM address 10H to 25 H)
ADDRESS (HEX)
BIT (MSB: D7)
DESCRIPTION
08
D7 to D0
bits 0 to 7 of data block 1 (bit 0 is MSB)
09
D7 to D0
bits 8 to 15
0A
D7 to D0
bits 16 to 23
0B
D7 to D0
bits 0 to 7 of data block 2 (bit 0 is MSB)
0C
D7 to D0
bits 8 to 15
0D
D7 to D0
bits 16 to 23
ADDRESS (HEX)
BYTE
DESCRIPTION
10 to 15
1
identifier number 1 to 6
18 to 1D
2
identifier number 1 to 6
20 to 25
3
identifier number 1 to 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com