Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD5003 Datasheet HTML 1Page - NXP Semiconductors PCD5003 Datasheet HTML 2Page - NXP Semiconductors PCD5003 Datasheet HTML 3Page - NXP Semiconductors PCD5003 Datasheet HTML 4Page - NXP Semiconductors PCD5003 Datasheet HTML 5Page - NXP Semiconductors PCD5003 Datasheet HTML 6Page - NXP Semiconductors PCD5003 Datasheet HTML 7Page - NXP Semiconductors PCD5003 Datasheet HTML 8Page - NXP Semiconductors PCD5003 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
1997 Jun 24
3
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
1
FEATURES
• Wide operating supply voltage range: 1.5 to 6.0 V
• EEPROM programming requires only 2.0 V supply
• Low operating current: 50 µA typ. (ON),
25
µA typ. (OFF)
• Temperature range: −25 to +70 °C
• “CCIR Radio paging Code No. 1” (POCSAG)
compatible
• 512, 1200 and 2400 bits/s data rates using 76.8 kHz
crystal
• Built-in data filter (16-times oversampling) and bit clock
recovery
• Advanced ACCESS® synchronization algorithm
• 2-bit random and (optional) 4-bit burst error correction
• Up to 6 user addresses (RICs), each with
4 functions/alert cadences
• Up to 6 user address frames, independently
programmable
• Standard POCSAG sync word, plus up to 4 user
programmable sync words
• Received data inversion (optional)
• Call alert via beeper, vibrator or LED
• 2-level acoustic alert using single external transistor
• Alert control: automatic (POCSAG type), via cadence
register or alert input pin
• Separate power control of receiver and RF-oscillator for
battery economy
• Synthesizer set-up and control interface (3-line serial)
• On-chip EEPROM for storage of user addresses (RICs),
pager configuration and synthesizer data
• On-chip SRAM buffer for message data
• Slave I2C-bus interface to microcontroller for transfer of
message data, status/control and EEPROM
programming (data transfer at up to 400 kbits/s)
• Wake-up interrupt for microcontroller, programmable
polarity
• Direct and I2C-bus control of operating status (ON/OFF)
• Battery-low indication (external detector)
• Out-of-range condition indication
• Real time clock reference output
• On-chip voltage doubler
• Interfaces directly to UAA2080 and UAA2082 paging
receivers.
2
APPLICATIONS
• Display pagers, basic alert-only pagers
• Information services
• Personal organizers
• Telepoint
• Telemetry/data transmission.
3
GENERAL DESCRIPTION
The PCD5003 is a very low power POCSAG decoder and
pager controller. It supports data rates of 512, 1200 and
2400 bits/s using a single 76.8 kHz crystal. On-chip
EEPROM is programmable using a minimum supply
voltage of 2.0 V, allowing ‘over-the-air’ programming.
The PCD5003 is fast I2C-bus compatible
(maximum 400 kbits/s).
4
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD5003H
LQFP32
plastic low profile quad flat package; 32 leads; body 7
× 7 × 1.4 mm
SOT358-1
PCD5003U/10
−
film-frame carrier (naked die) 32 pads
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com