Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 25Page - NXP Semiconductors PCD5003 Datasheet HTML 26Page - NXP Semiconductors PCD5003 Datasheet HTML 27Page - NXP Semiconductors PCD5003 Datasheet HTML 28Page - NXP Semiconductors PCD5003 Datasheet HTML 29Page - NXP Semiconductors PCD5003 Datasheet HTML 30Page - NXP Semiconductors PCD5003 Datasheet HTML 31Page - NXP Semiconductors PCD5003 Datasheet HTML 32Page - NXP Semiconductors PCD5003 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
1997 Jun 24
29
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
8
OPERATING INSTRUCTIONS
8.1
Reset conditions
When the PCD5003 is reset by applying a HIGH-level on
input RST, the condition of the decoder is as follows:
• OFF status (irrespective of DON input level)
• REF output frequency 32768 Hz
• All internal counters reset
• Status/control register reset
• INT output at LOW-level
• No alert transducers selected
• LED, VIB and ATH outputs at LOW level
• ATL output high impedance
• SDA, SCL inputs high impedance
• Voltage converter disabled.
Within tRSU after release of the reset condition (RST LOW)
the programmed functions are activated. The settings
affecting the external operation of the PCD5003 are as
follows:
• REF output frequency
• Voltage converter
• INT output polarity
• Signal test mode.
When input DON is HIGH, the decoder starts operating in
ON status immediately following tRSU.
8.2
Power-on reset circuit
During power-up of the PCD5003 a HIGH level of
minimum duration tRST =50 µs must be applied to pin
RST. This is to prevent EEPROM corruption which might
otherwise occur because of the undefined contents of the
Control register.
The reset signal can be applied by the external
microcontroller or by an RC power-on reset circuit on pin
RST (C to VPR, R to VSS). Such an RC-circuit should have
a time constant of at least 3tRST = 150 µs.
Input RST has an internal high-ohmic pull-down resistor
(nominal 2 M
Ω at 2.5 V supply) which could be used
together with a suitable external capacitor connected to
VPR to create a power-on reset signal. However, since this
pull-down resistor varies considerably with processing and
supply voltage, the resulting time constant is inaccurate.
A more accurate reset duration can be realised with an
additional external resistor connected to VSS.
Recommended minimum values in this case are
C = 2.2 nF and R = 100 k
Ω (see Fig.15).
8.3
Reset timing
The start-up time for the crystal oscillator may exceed
1 second (typ. 800 ms). It is advised to apply a reset
condition at least during the first part of this period.
The minimum reset pulse duration tRST is 50 µs.
During reset the oscillator is active, but clock signals are
inhibited internally. Once the reset condition is released
the end of the oscillator start-up period can be detected by
a rising edge on output INT.
During a reset the voltage converter clock (Vclk) is held at
zero. The resulting output voltage drop may cause
problems when the external resetting device is powered by
the internal voltage doubler. A sufficiently large buffer
capacitor between output VPO and VSS must be provided
to supply the microcontroller during reset. The voltage at
VPO will not drop below VDD − 0.7 V.
Immediately after a reset all programmable internal
functions will start operating according to a programmed
value of 0. During the first 8 full clock cycles (tRSU) all
programmed values are loaded from EEPROM.
After reset the receiver outputs RXE and ROE become
active immediately, if DON is HIGH and the synthesizer is
disabled. When the synthesizer is enabled, RXE and ROE
will only become active after the second pulse on ZLE
completes the loading of synthesizer data.
The full reset timing is shown in Fig.11. The start-up timing
including synthesizer programming is given in Fig.12.
8.4
Initial programming
A newly-delivered PCD5002 has EEPROM contents which
are undefined. The EEPROM should therefore be
programmed, followed by a reset to activate the SPF
settings, before any attempt is made to use the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com