Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 30Page - NXP Semiconductors PCD5003 Datasheet HTML 31Page - NXP Semiconductors PCD5003 Datasheet HTML 32Page - NXP Semiconductors PCD5003 Datasheet HTML 33Page - NXP Semiconductors PCD5003 Datasheet HTML 34Page - NXP Semiconductors PCD5003 Datasheet HTML 35Page - NXP Semiconductors PCD5003 Datasheet HTML 36Page - NXP Semiconductors PCD5003 Datasheet HTML 37Page - NXP Semiconductors PCD5003 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
1997 Jun 24
34
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
14 AC CHARACTERISTICS
VDD = 2.7 V; VSS =0V; VPR = 2.7 V; Tamb =25 °C;. fosc = 76800 Hz.
SYMBOLS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
System clock
Tclk
system clock period
fosc = 76800 Hz
−
13.02
−µs
Call alert frequencies
fAL
alert frequency
SPF byte 03H; bits:
D1, D0 = 0 0
−
2048
−
Hz
D1, D0 = 0 1
−
2731
−
Hz
D1, D0 = 1 0
−
3200
−
Hz
D1, D0 = 1 1
−
4096
−
Hz
fAW
warbled alert; modulation
frequency
alert set-up bit D2 = 1;
outputs ATL, ATH, LED
−
16
−
Hz
fAWH
warbled alert;
high acoustic alert frequency
alert set-up bit D2 = 1;
outputs ATL, ATH
−
fAL
−
Hz
fAWL
warbled alert; low acoustic alert
frequency
alert set-up bit D2 = 1;
outputs ATL, ATH
−
1
⁄2fAL
−
Hz
fVBP
pulsed vibrator frequency
(square-wave)
low-level alert
−
25
−
Hz
Call alert duration
tALT
alert time-out period
−
16
−
s
tALL
ATL output time-out period
low-level alert
−
4
−
s
tALH
ATH output time-out period
high-level alert
−
12
−
s
tVBL
VIB output time-out period
low -level alert
−
4
−
s
tVBH
VIB output time-out period
high-level alert
−
12
−
s
tALC
alert cycle period
−
1
−
s
tALP
alert pulse duration
−
125
−
ms
Real time clock reference
fref
real time clock reference
frequency
SPF byte 02H; bits:
D3, D2 = 0 0; note 1
−
32768
−
Hz
D3, D2 = 0 1; note 2
−
50
−
Hz
D3, D2 = 1 0
−
2
−
Hz
D3, D2 = 1 1
−
1
⁄60
−
Hz
tRFP
real time clock reference pulse
duration
all reference frequencies except
50 Hz (square-wave)
−
13.02
−µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com