Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 32Page - NXP Semiconductors PCD5003 Datasheet HTML 33Page - NXP Semiconductors PCD5003 Datasheet HTML 34Page - NXP Semiconductors PCD5003 Datasheet HTML 35Page - NXP Semiconductors PCD5003 Datasheet HTML 36Page - NXP Semiconductors PCD5003 Datasheet HTML 37Page - NXP Semiconductors PCD5003 Datasheet HTML 38Page - NXP Semiconductors PCD5003 Datasheet HTML 39Page - NXP Semiconductors PCD5003 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
1997 Jun 24
36
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Notes
1. 32768 Hz reference signal: 32 pulses per 75 clock cycles, alternately separated by 1 or 2 pulse periods
(pulse duration: tRFP). The timing is shown in Fig.14.
2. 50 Hz reference signal: square-wave.
3. The fall time may be faster than prescribed in the I2C-bus specification for very low load capacitance values.
To increase the fall time external capacitance is required.
4. Duration depends on programmed bit rate; after reset tZSU = 1.5 bits.
5. Nominal values; pause in 12th data bit (see Table 12).
POCSAG data timing (1200 bits/s)
fDI
data input rate
SPF byte 01H; bits D5, D4 = 1 0
−
1200
−
bits/s
tBIT
bit duration
−
833.3
−µs
tCW
codeword duration
−
26.7
−
ms
tPA
preamble duration
480
−−
ms
tBAT
batch duration
−
453.3
−
ms
POCSAG data timing (2400 bits/s)
fDI
data input rate
SPF byte 01H; bits D5, D4 = 1 1
−
2400
−
bits/s
tBIT
bit duration
−
416.6
−µs
tCW
codeword duration
−
13.3
−
ms
tPA
preamble duration
240
−−
ms
tBAT
batch duration
−
226.6
−
ms
Synthesizer control
tZSU
synthesizer set-up duration
oscillator running; note 4
1
−
2
bits
fZSC
output clock frequency
note 5
−
38400
−
Hz
tZCL
clock pulse duration
−
13.02
−µs
tZSD
data bit duration
note 5
−
26.04
−µs
tZDS
data bit set-up time
−
13.02
−µs
tZDL1
data load enable delay
−
91.15
−µs
tZLE
load enable pulse duration
−
13.02
−µs
tZDL2
inter block delay
−
117.19
−µs
SYMBOLS
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com