Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 21Page - NXP Semiconductors PCD5003 Datasheet HTML 22Page - NXP Semiconductors PCD5003 Datasheet HTML 23Page - NXP Semiconductors PCD5003 Datasheet HTML 24Page - NXP Semiconductors PCD5003 Datasheet HTML 25Page - NXP Semiconductors PCD5003 Datasheet HTML 26Page - NXP Semiconductors PCD5003 Datasheet HTML 27Page - NXP Semiconductors PCD5003 Datasheet HTML 28Page - NXP Semiconductors PCD5003 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
1997 Jun 24
25
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Table 19 Unused EEPROM addresses
Note
1. When using bytes 04H and 05H, care must be taken to
preserve the SPF information stored in
bytes 00H to 03H.
ROW
HEX
0
04 and 05(1)
528 to 2D
630 to 35
738 to 3D
7.54
Special programmed function allocation
The SPF bit allocation in the EEPROM is shown in
Tables 20 to 24. The SPF bits are located in row 0 of the
EEPROM and occupy 4 bytes.
Bytes 04H and 05H are not used and are available for
general purpose storage.
The contents of SPF (bytes 0 to 3) are read into the
associated logic only when the decoder is reset
(HIGH level in input RST).
Table 20 Special Programmed Functions (EEPROM address 00H)
Table 21 Special Programmed Functions (EEPROM address 01H)
Note
1. Since the exact establishment time is related to the programmed bit rate, Table 22 shows the values for the various
bit rates.
BIT (MSB: D7)
VALUE
DESCRIPTION
D0
X
reserved for future use; logic 0 when read
D1
X
reserved for future use
D2
X
reserved for future use
D3
X
reserved for future use
D4
X
reserved for future use
D5
X
reserved for future use
D6
X
reserved for future use; logic 0 when read
D7
1
received data inversion enabled
BIT (MSB: D7)
VALUE
DESCRIPTION
D1 and D0
0 0
5 ms receiver establishment time (nominal); note 1
0 1
10 ms
1 0
15 ms
1 1
30 ms
D3 and D2
0 0
20 ms oscillator establishment time (nominal); note 1
0 1
30 ms
1 0
40 ms
1 1
50 ms
D5 and D4
0 0
512 bits/s received bit rate
0 1
1024 bits/s (not used in POCSAG)
1 0
1200 bits/s
1 1
2400 bits/s
D6
1
synthesizer interface enabled (data is output via ZSD, ZSC
and ZLE at decoder switch-on)
D7
1
voltage converter enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com