Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 24Page - NXP Semiconductors PCD5003 Datasheet HTML 25Page - NXP Semiconductors PCD5003 Datasheet HTML 26Page - NXP Semiconductors PCD5003 Datasheet HTML 27Page - NXP Semiconductors PCD5003 Datasheet HTML 28Page - NXP Semiconductors PCD5003 Datasheet HTML 29Page - NXP Semiconductors PCD5003 Datasheet HTML 30Page - NXP Semiconductors PCD5003 Datasheet HTML 31Page - NXP Semiconductors PCD5003 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
1997 Jun 24
28
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
Table 27 Identifier bit allocation
Notes
1. The bit numbering corresponds with the numbering in a POCSAG codeword: bit 1 is the flag bit
(0 = address, 1 = message).
2. A UPSW needs 18 bits to be matched for successful identification. Bit 1 (MSB) must be logic 0; bits 2 to 19 contain
the identifier bit pattern; they are followed by 2 predetermined random (function) bits and the UPSW is completed by
10 CRC error correction bits and an even-parity bit.
3. Bits FR3 to FR1 (MSB: FR3) contain the 3 least significant bits of the 21-bit RIC.
4. Identifiers 1 and 2 (RIC only) will be disabled by programming bit D2 as logic 0.
BYTE
BIT (MSB: D7)
DESCRIPTION
1
D7 to D0
bits 2 to 9 of POCSAG codeword (RIC or UPSW); notes 1 and 2
2
D7 to D0
bits 10 to 17
3
D7 and D6
bits 18 and 19
D5
frame number bit FR3 (RIC); note 3
D4
frame number bit FR2 (RIC)
D3
frame number bit FR1 (RIC)
D2
identifier type selection (0 = UPSW, 1 = RIC); note 4
D1
identifier enable (1 = enabled)
D0
reserved for future use, logic 0 when read
7.57
Voltage doubler
An on-chip voltage doubler provides an unregulated DC
output for supplying an LCD or a low power microcontroller
on output VPO. An external ceramic capacitor of typical
100 nF is required between pins CCN and CCP. The
voltage doubler is enabled via SPF programming.
7.58
Level-shifted interface
All interface lines are suited for communication with a
microcontroller operating from a higher supply voltage.
The external device must have a common reference at VSS
of the PCD5003.
The reference voltage for the level-shifted interface must
be applied to input VPR. This could be the on-chip voltage
doubler output VPO if required. When the microcontroller
has a separate (regulated) supply this separate supply
voltage should be connected to VPR.
The level-shifted interface lines are: RST, DON, ALC,
REF, INT.
The I2C-bus interface lines SDA and SCL can be
level-shifted independently of VPR by means of the
standard external pull-up resistors.
7.59
Signal test mode
A special ‘signal test’ mode is available for monitoring the
performance of a receiver circuit together with the
front-end of the PCD5003.
For this purpose the output of the digital noise filter and the
recovered bit clock are made available at outputs REF and
INT respectively. All synchronization and decoding
functions are normally active.
The ‘signal test’ mode is activated/deactivated by SPF
programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com