Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCD5003 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # PCD5003
Description  Advanced POCSAG Paging Decoder
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD5003 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button PCD5003 Datasheet HTML 20Page - NXP Semiconductors PCD5003 Datasheet HTML 21Page - NXP Semiconductors PCD5003 Datasheet HTML 22Page - NXP Semiconductors PCD5003 Datasheet HTML 23Page - NXP Semiconductors PCD5003 Datasheet HTML 24Page - NXP Semiconductors PCD5003 Datasheet HTML 25Page - NXP Semiconductors PCD5003 Datasheet HTML 26Page - NXP Semiconductors PCD5003 Datasheet HTML 27Page - NXP Semiconductors PCD5003 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
1997 Jun 24
24
Philips Semiconductors
Product specification
Advanced POCSAG Paging Decoder
PCD5003
7.48
EEPROM access limitations
Since the EEPROM address pointer is used during data
decoding, the EEPROM may not be accessed while the
receiver is active (RXE = 1). It is advised to switch to OFF
state before accessing the EEPROM.
The EEPROM cannot be written unless the EEPROM
programming enable bit (bit D1) in the control register is
set.
For writing a minimum supply voltage VPG is required
(2.0 V typ.). The supply current needed during writing (IPG)
will be
≈500 µA.
Any modified SPF settings (bytes 0 to 3) only take effect
after a decoder reset. Modified identifiers are active
immediately.
7.49
EEPROM read operation
EEPROM read operations must start at a valid address in
the non-contiguous memory map. Single-byte or block
reads are permitted.
7.50
EEPROM write operation
EEPROM write operations must always take place in
blocks of 6 bytes, starting at the beginning of a row.
Programming a single byte will reset the other bytes in the
same row. Modifying a single byte in a row requires
re-writing the unchanged bytes with their old contents.
After writing each block a pause of maximum 7.5 ms is
required to complete the programming operation
internally. During this time the external microcontroller
may generate an I2C-bus stop condition. If another I2C-bus
transfer is started the decoder will pull SCL LOW during
this pause.
After writing the EEPROM programming enable bit (D1) in
the control register must be reset.
7.51
Invalid write address
When an invalid write address is used, the column counter
bits (D2 to D0) are forced to zero before being loaded into
the address pointer. The row counter bits are used
normally.
7.52
Incomplete programming sequence
A programming sequence may be aborted by an I2C-bus
stop condition. Next, the EEPROM programming enable
bit (D1) in the control register must be reset.
Any bytes received of the last 6-byte block will be ignored
and the contents of this (incomplete) EEPROM block will
remain unchanged.
7.53
Unused EEPROM locations
A total of 20 EEPROM bytes is available for general
purpose storage (see Table 19).
Fig.10 EEPROM organization and access.
handbook, full pagewidth
COLUMN
ROW
0
1
2
3
4
5
6
7
0
D7
D0
D7
D0
ADDRESS
POINTER
ROW COLUMN
I/O REGISTER
01
0
1
0
0
SPF bits
Synthesizer data
Identifiers
unused bytes
1
I
D
MLC254
12
3
4
5
2
I
D
3
I
D
4
I
D
5
I
D
6
I
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com