Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 22 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 22 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 18Page - VIA Technologies, Inc. VT8235 Datasheet HTML 19Page - VIA Technologies, Inc. VT8235 Datasheet HTML 20Page - VIA Technologies, Inc. VT8235 Datasheet HTML 21Page - VIA Technologies, Inc. VT8235 Datasheet HTML 22Page - VIA Technologies, Inc. VT8235 Datasheet HTML 23Page - VIA Technologies, Inc. VT8235 Datasheet HTML 24Page - VIA Technologies, Inc. VT8235 Datasheet HTML 25Page - VIA Technologies, Inc. VT8235 Datasheet HTML 26Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-16-
Pin Descriptions
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Internal Keyboard Controller
Signal Name
Pin #
I/O
PU
Signal Description
MSCK
/ IRQ1
W2
IO / I
PU
MultiFunction Pin
(Internal mouse controller enabled by Rx51[1])
Rx51[2]=1 Mouse Clock. From internal mouse controller.
Rx51[2]=0 Interrupt Request 1. Interrupt input 1.
MSDT
/ IRQ12
W1
IO / I
PU
MultiFunction Pin
(Internal mouse controller enabled by Rx51[1])
Rx51[2]=1 Mouse Data. From internal mouse controller.
Rx51[2]=0 Interrupt Request 12. Interrupt input 12.
KBCK
/ KA20G
V3
IO / I
PU
MultiFunction Pin
(Internal keyboard controller enabled by
Rx51[0])
Rx51[0]=1 Keyboard Clock. From internal keyboard controller
Rx51[0]=0 Gate A20. Input from external keyboard controller.
KBDT
/ KBRC
V2
IO / I
PU
MultiFunction Pin
(Internal keyboard controller enabled by
Rx51[0])
Rx51[0]=1 Keyboard Data. From internal keyboard controller.
Rx51[0]=0 Keyboard Reset. From external keyboard controller
(KBC) for CPURST# generation
KBCS#
/ ROMCS# / strap
AF12
O / O
Keyboard Chip Select
(Rx51[0]=0).
To external keyboard
controller chip. Strap high to enable LPC ROM:
Note: KBCK, KBDT, MSCK, and MSDT are powered by the VSUS33 suspend voltage plane.
ISA Subset / Parallel BIOS ROM Interface
Signal Name
Pin #
I/O
PU
Signal Description
ROMCS#
/ KBCS# /
strap
AF12
O
ROM Chip Select
(Rx51[0]=1). Chip Select to the BIOS ROM.
Strap high to enable LPC ROM.
SPKR
/ strap
AE9
O
Speaker.
Strap low to enable (high to disable) CPU frequency
strapping.
MEMR#
AE12
O
Memory Read.
MEMW#
AF10
O
Memory Write.
IOR#
AC10
O
I/O Read.
IOW#
AD9
O
I/O Write.
IORDY
/ GPI19
AD10
I
I/O Ready.
Used to insert wait states in I/O or memory cycles.
RxE5[0] = 0
SOE#
/ strap
AD12
O
XD Bus Tranceiver Output Enable.
Strap low to enable auto
reboot.
XD[7-0]
AD13, AE13,
AF13, AD14,
AE14, AF14,
AC13, AC14
IO
XD Bus.
For input of BIOS ROM data or data from other on-board
I/O or memory devices.
SA[19-16]
/ GPO[19-16]
/ straps
AC11, AD11,
AE11, AF11
O
PD
System Address 19-16.
Strap states are passed to North Bridge via
VAD[3-0]. Functions as SA[19-16] if RxE4[5] = 0.
SA[15-0]
/ SDD[15-0]
(see pin list)
O
System Address 15-0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com