Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 32 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 32 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 28Page - VIA Technologies, Inc. VT8235 Datasheet HTML 29Page - VIA Technologies, Inc. VT8235 Datasheet HTML 30Page - VIA Technologies, Inc. VT8235 Datasheet HTML 31Page - VIA Technologies, Inc. VT8235 Datasheet HTML 32Page - VIA Technologies, Inc. VT8235 Datasheet HTML 33Page - VIA Technologies, Inc. VT8235 Datasheet HTML 34Page - VIA Technologies, Inc. VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-26-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Device 16 Function 2 Registers – USB 1.1 UHCI Ports 4-5
Configuration Space USB Header Registers
Offset Configuration Space Header
Default
Acc
1-0
Vendor ID
1106
RO
3-2
Device ID
3038
RO
5-4
Command
0000
RW
7-6
Status
0210
WC
8
Revision ID
nn
RO
9
Programming Interface
00
RO
A
Sub Class Code
03
RO
B
Base Class Code
0C
RO
C
-reserved-
00
—
D
Latency Timer
16
RW
E-1F -reserved-
00
—
23-20 USB I/O Registers Base Port Address 00000301 RW
24-2B -reserved-
00
—
2D-2C Sub Vendor ID
1106
RO†
2F-2E Sub Device ID
3038
RO†
30-33 -reserved-
00
—
34
Power Management Capabilities
80
RO
35-3B -reserved-
00
—
3C
Interrupt Line
00
RW
3D
Interrupt Pin
03
RO
3E-3F -reserved-
00
—
† RW if Rx42[4] = 1.
Configuration Space USB-Specific Registers
Offset USB Control
Default
Acc
40
USB Miscellaneous Control 1
40
RW
41
USB Miscellaneous Control 2
10
RW
42
USB Miscellaneous Control 3
03
RW
43
USB Miscellaneous Control 4
00
RW
44-47 -reserved- (test, do not program)
00
—
48
USB Miscellaneous Control 5
00
RW
49
USB Miscellaneous Control 6
00
RW
4A
USB Miscellaneous Control 7
00
RW
4B-5F -reserved-
00
—
60
USB Serial Bus Release Number
10
RO
61-83 -reserved-
00
—
84
PM Capability Status
00
RW
85-BF -reserved-
00
—
C1-C0 USB Legacy Support
2000
RW
C2-FF -reserved-
00
—
Memory Mapped I/O Registers – USB Controller
Offset USB I/O Registers
Default
Acc
1-0
USB Command
0000
RW
3-2
USB Status
0000
WC
5-4
USB Interrupt Enable
0000
RW
7-6
Frame Number
0000
RW
B-8
Frame List Base Address
00000000 RW
C
Start Of Frame Modify
40
RW
11-10 Port 0 Status / Control
0080
WC
13-12 Port 1 Status / Control
0080
WC
14-1F -reserved-
00
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com