Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 82 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 82 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 78Page - VIA Technologies, Inc. VT8235 Datasheet HTML 79Page - VIA Technologies, Inc. VT8235 Datasheet HTML 80Page - VIA Technologies, Inc. VT8235 Datasheet HTML 81Page - VIA Technologies, Inc. VT8235 Datasheet HTML 82Page - VIA Technologies, Inc. VT8235 Datasheet HTML 83Page - VIA Technologies, Inc. VT8235 Datasheet HTML 84Page - VIA Technologies, Inc. VT8235 Datasheet HTML 85Page - VIA Technologies, Inc. VT8235 Datasheet HTML 86Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-76-
Device 17 Function 0 Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 93-90 - GP Timer Control (0000 0000h)...............RW
31-30 Conserve Mode Timer Count Value
00 1/16 second............................................ default
01 1/8 second
10 1 second
11 1 minute
29
Conserve Mode Status
This bit reads 1 when in Conserve Mode
28
Conserve Mode
This bit controls whether conserve mode (throttling)
is enabled. When this bit is set, the system can enter
conserve mode when primary activity is not detected
within a given time period (determined by bits 31-30
of this register). Primary activity is defined in PMIO
Rx33-30.
0
Disable .................................................. default
1
Enable
27-26 Secondary Event Timer Count Value
00 2 milliseconds........................................ default
01 64 milliseconds
10 ½ second
11 by EOI + 0.25 milliseconds
25
Secondary Event Occurred Status
This bit reads 1 to indicate that a secondary event has
occurred (to resume the system from suspend) and
the secondary event timer is counting down.
24
Secondary Event Timer Enable
0
Disable .................................................. default
1
Enable
23-16 GP1 Timer Count Value
(base defined by bits 5-4)
Write to load count value; Read to get current count
15-8 GP0 Timer Count Value
(base defined by bits 1-0)
Write to load count value; Read to get current count
7
GP1 Timer Start
On setting this bit to 1, the GP1 timer loads the value
defined by bits 23-16 of this register and starts
counting down.
The GP1 timer is reloaded at the
occurrence of certain peripheral events enabled in the
GP
Timer
Reload
Enable
Register
(Power
Management I/O Space Offset 38h). If no such event
occurs and the GP1 timer counts down to zero, then
the GP1 Timer Timeout Status bit is set to one (bit-3
of the Global Status register at Power Management
Register I/O Space Offset 28h). Additionally, if the
GP1 Timer Timeout Enable bit is set (bit-3 of the
Global
Enable
register
at
Power
Management
Register I/O Space Offset 2Ah), then an SMI is
generated.
6
GP1 Timer Automatic Reload
0
GP1 Timer stops at 0 ............................ default
1
Reload GP1 timer automatically after counting
down to 0
5-4
GP1 Timer Base
00 Disable ................................................... default
01 1/16 second
10 1 second
11 1 minute
3
GP0 Timer Start
On setting this bit to 1, the GP0 timer loads the value
defined by bits 15-8 of this register and starts
counting down.
The GP0 timer is reloaded at the
occurrence of certain peripheral events enabled in the
GP
Timer
Reload
Enable
Register
(Power
Management I/O Space Offset 38h). If no such event
occurs and the GP0 timer counts down to zero, then
the GP0 Timer Timeout Status bit is set to one (bit-2
of the Global Status register at Power Management
Register I/O Space Offset 28h). Additionally, if the
GP0 Timer Timeout Enable bit is set (bit-2 of the
Global
Enable
register
at
Power
Management
Register I/O Space Offset 2Ah), then an SMI is
generated.
2
GP0 Timer Automatic Reload
0
GP0 Timer stops at 0 ............................ default
1
Reload GP0 timer automatically after counting
down to 0
1-0
GP0 Timer Base
00 Disable ................................................... default
01 1/16 second
10 1 second
11 1 minute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com