Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 83 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 83 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 79Page - VIA Technologies, Inc. VT8235 Datasheet HTML 80Page - VIA Technologies, Inc. VT8235 Datasheet HTML 81Page - VIA Technologies, Inc. VT8235 Datasheet HTML 82Page - VIA Technologies, Inc. VT8235 Datasheet HTML 83Page - VIA Technologies, Inc. VT8235 Datasheet HTML 84Page - VIA Technologies, Inc. VT8235 Datasheet HTML 85Page - VIA Technologies, Inc. VT8235 Datasheet HTML 86Page - VIA Technologies, Inc. VT8235 Datasheet HTML 87Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-77-
Device 17 Function 0 Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 94 – Power Well Control ...................................... WO
7
SMBus Clock Select
0
SMBus Clock from 14.31818 MHz Divider
1
SMBus Clock from RTC 32.768 KHz ... defult
6
Reserved
........................................ always reads 0
5
Internal PLL Reset During Suspend
0
Enable.................................................... default
1
Disable
4
SUSST1# / GPO3 Select (Pin Y3)
0
SUSST1#............................................... default
1
GPO3
3
GPO2 / SUSB# Select (Pin AF2)
0
SUSB#................................................... default
1
GPO2
2
GPO1 / SUSA# Select (Pin AA2)
0
SUSA# .................................................. default
1
GPO1
1-0
GPO0 Output Select (Pin AA3)
This field controls the GPO0 output signal for Pulse
Width Modulation.
00 GPO0 Fixed Output Level (defined by PMIO
Rx4C[0]) ............................................... default
01 GPO0 output is 1 Hz “SLOWCLK”
10 GPO0 output is 4 Hz “SLOWCLK”
11 GPO0 output is 16 Hz “SLOWCLK”
Offset 95 – Miscellaneous Power Well Control .............. RW
7
CPUSTP# to SUSST# Delay Select
This bit controls the delay between the deassertion of
CPUSTP# and the deassertion of SUSST# during a
resume.
0
1 msec minimum ................................... default
1
125 usec minimum
6
SUSST# Deasserted Before PWRGD for STD
0
Disable ................................................... default
1
Enable (SUST# is deasserted before PWRGD
when resuming from STD)
5
Keyboard / Mouse Port Swap
This bit determines whether the keyboard and mouse
ports can be swapped.
0
Disable ................................................... default
1
Enable
4
Reserved
........................................always reads 0
3
SMB2 / GPO Select
0
SMBDT2 / SMBCK2 ............................ default
1
GPO26 / GPO27
2
AOL 2 SMB Slave
This bit controls whether external SMB masters can
access internal SMB registers (for Alert-On-LAN).
0
Enable (external SMB masters may reset /
resume the system (when Rx96[4]=1) or detect
GPI status) ............................................. default
1
Disable
1
SUSCLK / GPO4 Select
0
SUSCLK................................................ default
1
GPO4
0
USB Wakeup for STR / STD / SoftOff
This bit controls whether USB Wakeup is enabled
when PMIO Rx21-20[14] (USB Wakeup Status) = 1.
This allows wakeup from STR, STD, Soft Off, and
POS.
0
Disable ................................................... default
1
Enable
Offset 96 – Power On / Reset Control ............................. RW
7-4
Reserved
........................................always reads 0
3-0
CPU Frequency Strapping Value Output to NMI,
INTR, IGNNE#, and A20M# during RESET#
The value written to this field is strapped through
NMI, INTR, IGNNE#, and A20M# during RESET#
to determine the multiplier for setting the CPU’s
internal frequency.
If the CPU hangs due to
inappropriate settings written here, the GP3 timer
(second timeout) can be used to initiate a system
reboot (PMIO Rx42[2] = 1).
Refer to the BIOS
Porting Guide for additional details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com