Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 80 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 80 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 76Page - VIA Technologies, Inc. VT8235 Datasheet HTML 77Page - VIA Technologies, Inc. VT8235 Datasheet HTML 78Page - VIA Technologies, Inc. VT8235 Datasheet HTML 79Page - VIA Technologies, Inc. VT8235 Datasheet HTML 80Page - VIA Technologies, Inc. VT8235 Datasheet HTML 81Page - VIA Technologies, Inc. VT8235 Datasheet HTML 82Page - VIA Technologies, Inc. VT8235 Datasheet HTML 83Page - VIA Technologies, Inc. VT8235 Datasheet HTML 84Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-74-
Device 17 Function 0 Power Management Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Offset 85-84 - Primary Interrupt Channel (0000h) ........RW
If a device IRQ is enabled as a Primary IRQ, that device’s
IRQ can be used to generate wake events. The bits in this
register are used in conjunction with:
PMIO Rx28[7] – Primary Resume Status
PMIO Rx2A[7] – Primary Resume Enable
If a device on one of the IRQ’s is set to enable the Primary
Interrupt, once the device generates an IRQ, the PMIO
Rx28[7] status bit will become 1 to report the occurrence of
the Primary IRQ.
If PMIO Rx2A[7] is set to 1 to enable
Resume-on-Primary-IRQ, the IRQ then becomes a wake
event.
15
1/0 = Ena/Disa IRQ15 as Primary Intrpt Channel
14
1/0 = Ena/Disa IRQ14 as Primary Intrpt Channel
13
1/0 = Ena/Disa IRQ13 as Primary Intrpt Channel
12
1/0 = Ena/Disa IRQ12 as Primary Intrpt Channel
11
1/0 = Ena/Disa IRQ11 as Primary Intrpt Channel
10
1/0 = Ena/Disa IRQ10 as Primary Intrpt Channel
9
1/0 = Ena/Disa IRQ9 as Primary Intrpt Channel
8
1/0 = Ena/Disa IRQ8 as Primary Intrpt Channel
7
1/0 = Ena/Disa IRQ7 as Primary Intrpt Channel
6
1/0 = Ena/Disa IRQ6 as Primary Intrpt Channel
5
1/0 = Ena/Disa IRQ5 as Primary Intrpt Channel
4
1/0 = Ena/Disa IRQ4 as Primary Intrpt Channel
3
1/0 = Ena/Disa IRQ3 as Primary Intrpt Channel
2
Reserved
........................................ always reads 0
1
1/0 = Ena/Disa IRQ1 as Primary Intrpt Channel
0
1/0 = Ena/Disa IRQ0 as Primary Intrpt Channel
Offset 87-86 - Secondary Interrupt Channel (0000h) .... RW
For legacy PMU, the bits in this register are used in
conjunction with:
PMIO Rx28[1] – Secondary Event Timer Timeout Status
PMIO Rx2A[7] – SMI on Secondary Event Timer Timeout
Secondary IRQ’s are different from Primary IRQ’s in that
systems that resume due to a Secondary IRQ can return
directly to suspend state after the secondary event timer times
out. For this to work, PMIO Rx2A[1] needs to be set to one to
enable SMI-on-Secondary-Event-Timer-Timeout (when PMIO
Rx28[1] = 1). The timer’s count value can be set via Rx93-
90[27-26].
15
1/0 = Ena/Disa IRQ15 as Secondary Intr Channel
14
1/0 = Ena/Disa IRQ14 as Secondary Intr Channel
13
1/0 = Ena/Disa IRQ13 as Secondary Intr Channel
12
1/0 = Ena/Disa IRQ12 as Secondary Intr Channel
11
1/0 = Ena/Disa IRQ11 as Secondary Intr Channel
10
1/0 = Ena/Disa IRQ10 as Secondary Intr Channel
9
1/0 = Ena/Disa IRQ9 as Secondary Intr Channel
8
1/0 = Ena/Disa IRQ8 as Secondary Intr Channel
7
1/0 = Ena/Disa IRQ7 as Secondary Intr Channel
6
1/0 = Ena/Disa IRQ6 as Secondary Intr Channel
5
1/0 = Ena/Disa IRQ5 as Secondary Intr Channel
4
1/0 = Ena/Disa IRQ4 as Secondary Intr Channel
3
1/0 = Ena/Disa IRQ3 as Secondary Intr Channel
2
Reserved
........................................always reads 0
1
1/0 = Ena/Disa IRQ1 as Secondary Intr Channel
0
1/0 = Ena/Disa IRQ0 as Secondary Intr Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com