| Electronic Components Datasheet Search |
|
VT8235 Datasheet(PDF) 46 Page - VIA Technologies, Inc. |
|
|
|||||||||||||||||||||||||||||
VT8235 Datasheet(HTML) 46 Page - VIA Technologies, Inc. |
|
46 / 145 page ![]() VT8235 V-Link South Bridge Revision 1.22 October 24, 2002 -40- Legacy I/O Registers UrpuytvrÃDp XrÃ8rp Interrupt Controller I/O Registers Ports 20-21 - Master Interrupt Controller The Master Interrupt Controller controls system interrupt channels 0-7. Two registers control the Master Interrupt Controller. They are: I/O Address Bits 15-0 Register Name 0000 0000 001x xxx0 Master Interrupt Control RW 0000 0000 001x xxx1 Master Interrupt Mask RW Note that not all bits of the address are decoded. The Master Interrupt Controller is compatible with the Intel 8259 Interrupt Controller chip. Detailed descriptions of 8259 Interrupt Controller operation can be obtained from the Intel Peripheral Components Data Book and numerous other industry publications. Ports A0-A1 - Slave Interrupt Controller The Slave Interrupt Controller controls system interrupt channels 8-15. The slave system interrupt controller also occupies two register locations: I/O Address Bits 15-0 Register Name 0000 0000 101x xxx0 Slave Interrupt Control RW 0000 0000 101x xxx1 Slave Interrupt Mask RW Note that not all address bits are decoded. The Slave Interrupt Controller is compatible with the Intel 8259 Interrupt Controller chip. Detailed descriptions of 8259 Interrupt Controller operation can be obtained from the Intel Peripheral Components Data Book and numerous other industry publications. Interrupt Controller Shadow Registers The following shadow registers are enabled by setting function 0 Rx47[4]. If the shadow registers are enabled, they are read back at the indicated I/O port instead of the standard interrupt controller registers (writes are unchanged). Port 20 - Master Interrupt Control Shadow ................... RO Port A0 - Slave Interrupt Control Shadow...................... RO 7 Reserved ........................................always reads 0 6 OCW3 bit 2 (POLL) 5 OCW3 bit 0 (RIS) 4 OCW3 bit 5 (SMM) 3 OCW2 bit 7 (R) 2 ICW4 bit 4 (SFNM) 1 ICW4 bit 1 (AEOI) 0 ICW1 bit 3 (LTIM) Port 21 - Master Interrupt Mask Shadow ....................... RO Port A1 - Slave Interrupt Mask Shadow ........................ RO 7-5 Reserved ........................................always reads 0 4-0 T7-T3 of Interrupt Vector Address Timer / Counter Registers Ports 40-43 - Timer / Counter I/O Registers There are 4 Timer / Counter registers: I/O Address Bits 15-0 Register Name 0000 0000 010x xx00 Timer / Counter 0 Count RW 0000 0000 010x xx01 Timer / Counter 1 Count RW 0000 0000 010x xx10 Timer / Counter 2 Count RW 0000 0000 010x xx11 Timer / Counter Cmd Mode WO Note that not all bits of the address are decoded. The Timer / Counters are compatible with the Intel 8254 Timer / Counter chip. Detailed descriptions of 8254 Timer / Counter operation can be obtained from the Intel Peripheral Components Data Book and numerous other industry publications. Timer / Counter Shadow Registers The following shadow registers are enabled for readback by setting function 0 Rx47[4]. If the shadow registers are enabled, they are read back at the indicated I/O port instead of the standard timer / counter registers (writes are unchanged). Port 40 – Counter 0 Base Count Value (LSB 1 st MSB 2nd)RO Port 41 – Counter 1 Base Count Value (LSB 1 st MSB 2nd)RO Port 42 – Counter 2 Base Count Value (LSB 1 st MSB 2nd)RO |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |