Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 70 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 70 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 66Page - VIA Technologies, Inc. VT8235 Datasheet HTML 67Page - VIA Technologies, Inc. VT8235 Datasheet HTML 68Page - VIA Technologies, Inc. VT8235 Datasheet HTML 69Page - VIA Technologies, Inc. VT8235 Datasheet HTML 70Page - VIA Technologies, Inc. VT8235 Datasheet HTML 71Page - VIA Technologies, Inc. VT8235 Datasheet HTML 72Page - VIA Technologies, Inc. VT8235 Datasheet HTML 73Page - VIA Technologies, Inc. VT8235 Datasheet HTML 74Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-64-
Device 17 Function 0 Bus Control Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
Miscellaneous Control
Offset 4C - IDE Interrupt Routing (04h) ........................RW
7-6
I/O Recovery Time Select
When Rx40[6] is enabled, this field determines the
I/O recovery time.
00 1 Bus Clock ........................................... default
01 2 Bus Clock
10 4 Bus Clock
11 8 Bus Clock
5-4
Reserved (do not program)
..................... default = 0
3-2
IDE Secondary Channel IRQ Routing
00 IRQ14
01 IRQ15.................................................... default
10 IRQ10
11 IRQ11
1-0
IDE Primary Channel IRQ Routing
00 IRQ14.................................................... default
01 IRQ15
10 IRQ10
11 IRQ11
Note: IRQ Routing to the APIC is fixed as follows:
INTA# => IRQ16
INTB# => IRQ17
INTC# => IRQ18
INTD# => IRQ19
IDE IRQ => IRQ20
USB1 IRQ => IRQ21
USB2 IRQ => IRQ21 if Rx59[5] = 0
=> IRQ23 if Rx59[5] = 1
AC97 / MC97 IRQ => IRQ22
Table 10. APIC Fixed IRQ Routing
Offset 4E - Internal RTC Test Mode............................... RW
7-5
Reserved
........................................always reads 0
4
Last Port 70/74 Written Status
0
Last write was to port 70 ....................... default
1
Last write was to port 74
3
Extra RTC Port 74/75
The RTC is normally accessed though ports 70/74.
This bit controls whether two extra ports (74 / 75)
can be used to access the RTC.
0
Disable ................................................... default
1
Enable
2-0
Reserved (Do Not Program)
....................default = 0
Offset 4F – PCI Bus and CPU Interface Control ........... RW
7-4
Reserved
........................................always reads 0
3
CPU Reset Source
This bit determines whether CPU Reset (generated
through port 92 or the keyboard) uses INIT or
CPURST.
0
Use CPURST as CPU Reset .................. default
1
Use INIT as CPU Reset
2
Reserved (Do Not Program)
....................default = 0
1
Reserved
........................................always reads 0
0
Software PCI Reset
......write 1 to generate PCI reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com