Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 68 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 68 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 64Page - VIA Technologies, Inc. VT8235 Datasheet HTML 65Page - VIA Technologies, Inc. VT8235 Datasheet HTML 66Page - VIA Technologies, Inc. VT8235 Datasheet HTML 67Page - VIA Technologies, Inc. VT8235 Datasheet HTML 68Page - VIA Technologies, Inc. VT8235 Datasheet HTML 69Page - VIA Technologies, Inc. VT8235 Datasheet HTML 70Page - VIA Technologies, Inc. VT8235 Datasheet HTML 71Page - VIA Technologies, Inc. VT8235 Datasheet HTML 72Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-62-
Device 17 Function 0 Bus Control Registers
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
ISA Bus Control
Offset 40 - ISA Bus Control (00h) ....................................RW
7
ISA Command Delay
0
Normal .................................................. default
1
Extra
6
I/O Recovery Time
The number of clocks between 2 I/O commands
0
Disable .................................................. default
1
Enable (Rx4C[7:6] determines the # of clocks)
5
ROM Wait States
0
1 Wait State ........................................... default
1
0 Wait States
4
ROM Write
0
Disable (ROM writes are ignored) ........ default
1
Enable (ROM can be written)
3
Double DMA Clock
0
DMA clock runs at 4 MHz .................... default
1
DMA clock runs at 8 MHz
2
4D0 / 4D1 Port Configuration
Controls whether ports 4D0 / 4D1 can be configured.
Ports 4D0 / 4D1 determine whether IRQ requests are
edge or level triggerred (4D0[7-0] for IRQ7-0,
4D1[7-0] for IRQ15-8) (0 = level, 1 = edge).
0
Disable .................................................. default
1
Enable
1
DMA / Interrupt / Timer Shadow Register Read
0
Disable .................................................. default
1
Enable (shadow register values can be read)
0
Double ISA Bus Clock
0
Bus clock runs at PCLK / 4 (8 MHz) .... default
1
Bus clock runs at PCLK / 2 (16 MHz)
Offset 41 – BIOS ROM Decode Control (00h)................RW
Setting these bits to 1 enables the indicated address range to be
included in the ROMCS# decode:
7
000E0000h-000EFFFFh
.............. default=0 (disable)
6
FFF00000h-FFF7FFFFh
............ default=0 (disable)
5
FFE80000h-FFEFFFFFh
............ default=0 (disable)
4
FFE00000h-FFE7FFFFh
............ default=0 (disable)
3
FFD80000h-FFDFFFFFh
.......... default=0 (disable)
2
FFD00000h-FFD7FFFFh
........... default=0 (disable)
1
FFC80000h-FFCFFFFFh
.......... default=0 (disable)
0
FFC00000h-FFC7FFFFh
............ default=0 (disable)
Note:
ROMCS# is always active when ISA addresses
FFF80000-FFFFFFFF and 000F0000-000FFFFF are decoded.
Offset 42 – Line Buffer Control (00h) ............................. RW
7
ISA Master DMA Line Buffer
Controls whether the DMA line buffer is used.
0
Disable ................................................... default
1
Enable.
Master DMA waits until the line
buffer is full (8 DWords) before transmitting
data (bit-6 must also be enabled to insure that
there are no coherency issues).
6
Gate Interrupt Until Line Buffer Flush Complete
This bit should be enabled if bit-7 is enabled.
0
Disable ................................................... default
1
Enable. IRQs are gated until the line buffer is
flushed to insure that there are no coherency
issues.
5
Flush Line Buffer for Interrupt
This bit controls whether the line bufer is flushed
when an interrupt request is generated.
This bit
should be enabled if bit-7 is enabled.
0
Disable ................................................... default
1
Enable
4
Uninterruptable Burst Read
0
Disable ................................................... default
1
Enable. The PCI bus is not granted to DMA
until burst read transactions from the north
bridge are completed.
3
Gate IRQ Until Line Bufer Flush Completed
0
Disable ................................................... default
1
Enable
2-0
Reserved
........................................always reads 0
Offset 43 – Delay Transaction Control (00h).................. RW
7-4
Reserved (Do Not Program)
....................default = 0
3
Delayed Transactions (PCI Spec Rev 2.1)
This
bit
controls whether
delayed
transactions
(delayed read / write and posted write) are enabled.
0
Disable ................................................... default
1
Enable
2
Only Posted Write
This bit controls whether posted write is enabled, as
opposed to bit-3 which controls whether delayed read
/ write as well as posted write are enabled.
0
Disable ................................................... default
1
Enable
1
Write Delay Transaction Timeout Timer
When enabled, if a delayed transaction (write cycle
only) is not retried after 2
12
PCI clocks, the
transaction is terminated.
0
Disable ................................................... default
1
Enable
0
Read Delay Transaction Timeout Timer
When enabled, if a delayed transaction (read cycle
only) is not retried after 2
12
PCI clocks, the
transaction is terminated.
0
Disable ................................................... default
1
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com