Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT8235 Datasheet(PDF) 36 Page - VIA Technologies, Inc.

Part # VT8235
Description  V-LINK CLIENT HIGHLY INTEGRATED SOUTH BRIDGE
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIA [VIA Technologies, Inc.]
Direct Link  https://www.viatech.com/en/
Logo VIA - VIA Technologies, Inc.

VT8235 Datasheet(HTML) 36 Page - VIA Technologies, Inc.

Back Button VT8235 Datasheet HTML 32Page - VIA Technologies, Inc. VT8235 Datasheet HTML 33Page - VIA Technologies, Inc. VT8235 Datasheet HTML 34Page - VIA Technologies, Inc. VT8235 Datasheet HTML 35Page - VIA Technologies, Inc. VT8235 Datasheet HTML 36Page - VIA Technologies, Inc. VT8235 Datasheet HTML 37Page - VIA Technologies, Inc. VT8235 Datasheet HTML 38Page - VIA Technologies, Inc. VT8235 Datasheet HTML 39Page - VIA Technologies, Inc. VT8235 Datasheet HTML 40Page - VIA Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 145 page
background image
VT8235 V-Link South Bridge
Revision 1.22 October 24, 2002
-30-
Register Overview
Urpu‚y‚tvr†ÃDp
XrÃ8‚rp‡
I/O Space Power Management Registers
Offset Basic Control / Status Registers
Default
Acc
1-0
Power Management Status
0000
WC
3-2
Power Management Enable
0000
RW
5-4
Power Management Control
0000
RW
6-7
-reserved-
00
—
B-8
Power Management Timer
0000 0000 RW
C-F
-reserved-
00
—
Offset Processor Registers
Default
Acc
13-10 Processor and PCI Bus Control
0000 0000 RW
14
Processor LVL2
00
RO
15
Processor LVL3
00
RO
16-1F -reserved-
00
—
Offset General Purpose Registers
Default
Acc
21-20 General Purpose Status
0000
WC
23-22 General Purpose SCI Enable
0000
RW
25-24 General Purpose SMI Enable
0000
RW
26-27 -reserved-
00
—
Offset Generic Registers
Default
Acc
29-28 Global Status
0000
WC
2B-2A Global Enable
0000
RW
2D-2C Global Control
0010
RW
2E
-reserved-
00
—
2F
SMI Command
00
RW
33-30 Primary Activity Detect Status
0000 0000 WC
37-34 Primary Activity Detect Enable
0000 0000 RW
3B-38 GP Timer Reload Enable
0000 0000 RW
3C-3F -reserved-
00
—
Offset General Purpose I/O Registers
Default
Acc
40
Extended I/O Trap Status
00
WC
41
-reserved-
00
—
42
Extended I/O Trap Enable
00
RW
43-44 -reserved-
00
—
45
SMI / IRQ / Resume Status
00
RO
46-47 -reserved-
00
—
4B-48 GPI Port Input Value
input
RO
4F-4C GPO Port Output Value
FFFFCFFF
RW
50
GPI Pin Change Status
00
RW
51
-reserved-
00
—
52
GPI Pin Change SCI/SMI Select
00
RW
53-57 -reserved-
00
—
59-58 I/O Trap PCI I/O Address
0000
RO
5A
I/O Trap PCI Command / Byte Ena
00
RO
5B
-reserved-
00
—
5C
CPU Performance Control
00
RW
5D-FF -reserved-
00
—
I/O Space System Management Bus Registers
Offset System Management Bus
Default
Acc
0
SMBus Host Status
00
WC
1
SMBus Slave Status
00
RW
2
SMBus Host Control
00
RW
3
SMBus Host Command
00
RW
4
SMBus Host Address
00
RW
5
SMBus Host Data 0
00
RW
6
SMBus Host Data 1
00
RW
7
SMBus Block Data
00
RW
8
SMBus Slave Control
00
RW
9
SMBus Shadow Command
00
RO
A-B SMBus Slave Event
0000
RW
C-D SMBus Slave Data
0000
RO
E
-reserved-
00
—
F
SMBus GPIO Slave Address
00
RW
System Management Bus Command Codes
Code System Management Bus
Default Acc
00
SMBus GPIO Slave Input Data
—
RO
01
SMBus GPIO Slave Output Data
00
RW
02
SMBus GPIO Slave Polarity Inversion
F0
RW
03
SMBus GPIO Slave I/O Configuration
FF
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com