Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 28 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 28 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 24Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 25Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 26Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 27Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 28Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 29Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 30Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 31Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 32Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 332 page
background image
10
Internal Architecture
Chapter 2
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
The three types of decodes have the following characteristics:
s
Short decodes—x86 instructions that are less than or equal
to seven bytes long
s
Long decodes—x86 instructions less than or equal to 11
bytes long
s
Vector decodes—complex x86 instructions
Short and long decodes are processed completely within the
decoders. Vector decodes are started by the decoders and then
completed by fetched sequences from an on-chip ROM. After
decoding, the RISC86 operations are delivered to the scheduler
for dispatching to the execution units.
Scheduler/Instruction
Control Unit
The centralized scheduler or buffer is managed by the ICU. The
ICU buffers and manages up to 24 RISC86 operations at a time.
This equals from 6 to 12 x86 instructions. This buffer size (24) is
perfectly matched to the processor’s six-stage RISC86 pipeline,
four RISC86-operations decode rate, and ten parallel execution
units.
The scheduler accepts as many as four RISC86 operations at a
time from the decod ers an d re tires up to fo ur RISC 86
ope rat ions per c l oc k c y c l e. T h e ICU is ca pa ble of
simultaneously issuing up to six RISC86 operations at a time to
the execution units. This consists of the following types of
operations:
s
Memory load operation
s
Memory store operation
s
Complex integer, MMX, or 3DNOW! register operation
s
Simple integer register operation
s
Floating-point register operation
s
Branch condition evaluation
Registers
When managing the RISC86 operations, the ICU uses 69
ph ysical
r egi st er s
c o nt ai ned
w i t h in
the
RISC 8 6
microarchitecture.
s
Forty-eight of the physical registers are located in a general
register file.
•
Twenty-four of these are rename registers.
•
The other twenty-four are committed or architectural
registers, consisting of 16 scratch registers and 8 registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com