Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 47 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 47 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 43Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 44Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 45Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 46Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 47Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 48Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 49Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 50Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 51Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 332 page
background image
Chapter 3
Software Environment
29
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
The FPU control word register allows a programmer to manage
the FPU processing options. Figure 13 shows the format of the
FPU control word register.
Figure 13. FPU Control Word Register
The FPU tag word register contains information about the
registers in the register stack. Figure 14 shows the format of the
FPU tag word register.
Figure 14. FPU Tag Word Register
9 8
7
6543
210
10
11
12
13
14
15
P
M
O
M
P
C
R
C
I
M
Z
M
U
M
D
M
Rounding Control Information
00b = Round to the nearest or even number
01b = Round down toward negative infinity
10b = Round up toward positive infinity
11b = Truncate toward zero
Y
Precision Control Information
00b = 24 bits Single Precision Real
01b = Reserved
10b = 53 bits Double Precision Real
11b = 64 bits Extended Precision Real
Reserved
Symbol
Description
Bits
Y
Infinity Bit (80287 compatibility) 12
RC
Rounding Control
11–10
PC
Precision Control
9–8
Exception Masks
PM
Precision
5
UM
Underflow
4
OM
Overflow
3
ZM
Zero Divide
2
DM
Denormalized Operation
1
IM
Invalid Operation
0
Tag Values
00 = Valid
01 = Zero
10 = Special
11 = Empty
87
65
4 3
2 1
0
10
11
12
13
14
15
TAG
(FPR7)
TAG
(FPR6)
TAG
(FPR4)
TAG
(FPR5)
TAG
(FPR2)
TAG
(FPR3)
TAG
(FPR0)
TAG
(FPR1)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com