Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 45 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 45 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 41Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 42Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 43Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 44Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 45Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 46Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 47Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 48Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 49Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 332 page
background image
Chapter 3
Software Environment
27
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
Figure 10. Segment Usage
Instruction Pointer
The instruction pointer (EIP or IP) is used in conjunction with
the code segment register (CS). The instruction pointer is
either a 32-bit register (EIP) or a 16-bit register (IP) that keeps
track of where the next instruction resides within memory. This
register cannot be directly manipulated, but can be altered by
modifying return pointers when a JMP or CALL instruction is
used.
Floating-Point
Registers
The floating-point execution unit in the AMD-K6-2E processor
is designed to perform mathematical operations on non-integer
numbers. This floating-point unit conforms to the IEEE 754 and
854 standards and uses several registers to meet these
standards — eight numeric floating-point registers, a status
word register, a control word register, and a tag word register.
Segment Register
Real Mode Memory Model
Segment Selector
Physical Memory
Protected Mode Memory Model
Base
Descriptor Table
Physical Memory
Segment Base
Base
Limit
Base
Limit
Segment Base



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com