Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 59 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 59 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 55Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 56Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 57Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 58Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 59Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 60Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 61Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 62Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 63Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 332 page
background image
Chapter 3
Software Environment
41
22529B/0—January 2000
AMD-K6™-2E Processor Data Sheet
Preliminary Information
MCAR and MCTR
The AMD-K6-2E processor does not support the generation of a
machine-check exception. However, the processor does provide
a 64-bit machine-check address register (MCAR), a 64-bit
machine-check type register (MCTR), and a machine check
enable (MCE) bit in CR4.
Because the processor does not support machine check
exceptions, the contents of the MCAR and MCTR registers are
only affected by the WRMSR instruction and by RESET being
sampled asserted (where all bits in each register are reset to 0).
The formats for the machine-check address register and the
machine-check type register are shown in Figure 30 and Figure
31, respectively.
Figure 30. Machine-Check Address Register (MCAR)
Figure 31. Machine-Check Type Register (MCTR)
0
63
MCAR
54
0
63
MCTR
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com