Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMD-K6-2E/233AMZ Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AMD-K6-2E/233AMZ
Description  AMD-K6??2E Embedded Processor
PDF  332 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-K6-2E/233AMZ Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AMD-K6-2E/233AMZ Datasheet HTML 36Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 37Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 38Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 39Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 40Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 41Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 42Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 43Page - Advanced Micro Devices AMD-K6-2E/233AMZ Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 332 page
background image
22
Internal Architecture
Chapter 2
AMD-K6™-2E Processor Data Sheet
22529B/0—January 2000
Preliminary Information
Entry into the subroutine occurs with the execution of a CALL
instruction. At that time, the processor pushes the address of
the next instruction in memory following the CALL instruction
onto the stack (allocated space in memory). When the processor
encounters a RET instruction (within or at the end of the
subroutine), the branch logic pops the address from the stack
and begins fetching from that location. To avoid the latency of
main memory accesses during CALL and RET operations, the
return address stack caches the pushed addresses.
Branch Execution
Unit
The branch execution unit enables efficient speculative
execution. This unit gives the processor the ability to execute
instructions beyond conditional branches before knowing
whether the branch prediction was correct.
The AMD-K6-2E processor does not permanently update the
x86 registers or memory locations until all speculatively
executed conditional branch instructions are resolved. When a
prediction is incorrect, the processor backs out to the point of
the mispredicted branch instruction and restores all registers.
The AMD-K6-2E processor can support up to seven outstanding
branches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com