Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 29 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 29 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 25Page - Greenlee Communications 08082 Datasheet HTML 26Page - Greenlee Communications 08082 Datasheet HTML 27Page - Greenlee Communications 08082 Datasheet HTML 28Page - Greenlee Communications 08082 Datasheet HTML 29Page - Greenlee Communications 08082 Datasheet HTML 30Page - Greenlee Communications 08082 Datasheet HTML 31Page - Greenlee Communications 08082 Datasheet HTML 32Page - Greenlee Communications 08082 Datasheet HTML 33Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
Dieless Crimper Connector Brand Uses, UL Classified & CSA Certified
■
DUAL RATED
DUAL RATED
COPPER
COPPER
ALUMINUM
ALUMINUM
COPPER
CONNECTOR
GREENLEE
ALUMINUM
ALUMINUM
SLEEVES
LUGS
PIN
OFFSET
PIGTAIL
BRAND
CRIMPER NO.
SLEEVES
LUGS
CONNECTORS
CONNECTORS
ADAPTERS
ANDERSON
1989 & 1990
VACS
VACL
VHS/VHSS
VHCL
CEP
CEPO
—
BLACKBURN®
1989 & 1990
ASP
ATL
CSP/CU
CTL-2, CTL
—
—
—
CTL-L/LCN
BURNDY™
1989 & 1990
YS-A
YA-A
YS/YS-L
YA/YA-L/YA-2L
AYP
AYPO
—
YA-ATN
YA-2LN/YA-2N
YA-L-TC/YA-L-2TC
ILSCO
1989
AS
ACL/ACN
CT/CTL
CRA/CRB
ACM
ACO
—
2ACL/2ACN
CRA-L/CRB-L
CRA-2L/CRB-2L
1990
AS
ACL/ACN
CT/CTL
CRA/CRB
ACM
ACO
CPM
2ACL/2ACN
CRA-L/CRB-L
#6 AWG-1000
2/0 AWG-1000
CRA-2L/CRB-2L
kcmil (MCM) AL
kcmil (MCM) AL
T&B
•
1989
60507-60571
60106-60172
54506-54518
54106-54187
—
—
—
60230-60273
54806-54818
54206-54287
54906-54918
54854-54876
1990
60507-60584
60106-60184
54506-54582
54106-54128
—
—
—
60230-60284
54806-54882
54206-54228
54906-54928
54854-54882
TELEDYNE
PENN-UNION
1990
PIK
BLUA
BCU
BLU
TP
TPO
—
BBCU
BBLU
CABLE SIZE
6 AWG 500 kcmil
4 AWG-500 kcmil (MCM)
6 AWG-
2/0 AWG-
6 AWG-
1989
(MCM) Copper and
Copper
500 kcmil (MCM) 500 kcmil (MCM)
500 kcmil
Aluminum
Aluminum
Aluminum
(MCM)
Aluminum
6 AWG 1000 kcmil
4 AWG-1000 kcmil (MCM)
6 AWG-
2/0 AWG-
1990
(MCM) Copper or
Copper
750 kcmil (MCM)
750 kcmil (MCM)
Aluminum
Aluminum
Aluminum
■ When used with standard, concentric, compressed or compact stranded copper and aluminum conductors.
Blackburn
® is a registered trademark of Thomas & Betts.
• Connector size within rated capacity of individual crimper.
greenlee.com
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com