Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 39 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 39 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 35Page - Greenlee Communications 08082 Datasheet HTML 36Page - Greenlee Communications 08082 Datasheet HTML 37Page - Greenlee Communications 08082 Datasheet HTML 38Page - Greenlee Communications 08082 Datasheet HTML 39Page - Greenlee Communications 08082 Datasheet HTML 40Page - Greenlee Communications 08082 Datasheet HTML 41Page - Greenlee Communications 08082 Datasheet HTML 42Page - Greenlee Communications 08082 Datasheet HTML 43Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
179
Pocket Cable Stripper
• For power and telecommunications cables.
• Capacity: 3/4” - 1 1/2” dia. (19-40 mm dia.)
(300 kcmil (MCM)–1250 kcmil (MCM) THHN)
• Strips solid conductor, stranded conductor and multiple
conductor cables.
• Easy blade depth adjustment.
• Blade rotates for circular, longitudinal and spiral cuts.
CAT. NO.
UPC NO.
DESCRIPTION
1901
45823
Stripping Tool
07915
07915
Replacement Cutting Blade
Adjustable Cable Stripper
• For mid-span and end termination. Strips TW, THW, THWN, THHN and
similar single layer insulation.
• Fast-close jaws and twist. Quick size and insulation adjustments.
• Snap action for same cutting depth time after time.
CAT. NO.
UPC NO.
DESCRIPTION
1905
21533
Adjustable Cable Stripper
21978
21978
Replacement Blade
SPECIFICATIONS
Capacity
1/0 - 1000 kcmil (MCM) (50 - 500 mm2 diameter); insulation rated
600 VAC Nominal
Weight
.9 lb. (408 g)
Pocket Cable Stripper
• For power and telecommunications cables.
• Capacity: 3/16” - 1 1/8” dia. (4.5 - 29 mm dia.)
(#8 AWG–600 kcmil (MCM) THHN)
• 90° blade rotation allows longitudinal, circular, and spiral slitting
of insulation.
• Easy blade depth adjustment
CAT. NO.
UPC NO.
DESCRIPTION
1900
45824
Stripping Tool
07915
07915
Replacement Cutting Blade
Kwik Stripper™ Heavy-Duty Wire Stripper
• 18-6 AWG (1.0-4.1mm dia.) stripping capacity.
• Front entry jaws for easy access to boxes, panels and tight spaces.
• Quick and easy adjustments.
• Tough metal alloy construction.
CAT. NO.
UPC NO.
DESCRIPTION
45019
45019
Kwik Stripper™ Heavy-Duty Wire Stripper
45020
45020
Heavy-Duty Replacement Jaws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com