Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 17 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 17 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 13Page - Greenlee Communications 08082 Datasheet HTML 14Page - Greenlee Communications 08082 Datasheet HTML 15Page - Greenlee Communications 08082 Datasheet HTML 16Page - Greenlee Communications 08082 Datasheet HTML 17Page - Greenlee Communications 08082 Datasheet HTML 18Page - Greenlee Communications 08082 Datasheet HTML 19Page - Greenlee Communications 08082 Datasheet HTML 20Page - Greenlee Communications 08082 Datasheet HTML 21Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
Greenlee Crimping Tool Capacities
TOOL TYPE
4 TON
4.5 TON (4)
6 TON
12 TON DIE TYPE (5)
15 TON
ROTATING DIE (1)
QUAD-POINT DIELESS
DIELESS
EK410
K425O
EK22GL
RK1230
RK1240
RK1550
K111 K05-1GL K09-2GL K09-3GL RK06AT(C) RK06FT
1980
1989
1990
K425BG
CK22GL
HK1230
HK1240
HK06AT(C) HK06FT
ECCX
EK1230
EK1240
EKO6AT(C) EK06FT
CCCX
CK1230
CK1240
CK06AT(C) CK06FT
HCCX
HKL1230
CONNECTOR TYPE
RCCX
INDUSTRIAL
Copper Lugs
#8 - 250
#8 - 500
#8 - 600 (2)
#8 - 750
#8 - 750
#8 - 1000 #8 - 1 #8 -1/0 #8 - 4/0 3/0 - 400 #6 - 500 #6 - 750 #8 - 4/0 #4 - 500 #4 - 1000
Copper Splices
#8 - 250
#8 - 500
#8 - 600 (2)
#8 - 400
#8 - 750
#8 - 1000 #8 - 1 #8 -1/0 #8 - 4/0 3/0 - 400 #6 - 500 #6 - 750 #8 - 4/0 #4 - 500 #4 - 1000
Aluminum Lugs
#8 - 4/0
#8 - 300 (3)
#8 - 750
#8 - 750
#8 - 1000
#6 - 400 #6 - 750
#6- 500 #6 - 1000
Aluminum Splices
#8 - 4/0
#8 - 300 (3)
#8 - 400
#8 - 750
#8 - 1000
#6 - 400 #6 - 750
#6- 500 #6 - 1000
Copper “C” Taps
#10 - #2
#12 - #2 (4) #12 - 400 #12 - 400 #8 - 1000
Aluminum “H” Taps
#6 - 500
#6 - 500
#6 - 1000
Aluminum Pin Adapters
#6 - 1/0
#6 - 1/0 (3)
#6 - 500
#6 - 750
#6 - 750
#6 - 500
#6 - 750
GROUNDING
Ground Grid Connectors
#6 - #3 (4)
#6 - 500
#6 - 500
#6 - 500
Copper “E” Taps
#6 - 500
#6 - 500
#6 - 500
OVERHEAD
5/8" Service Ent. Connectors
#10 - 1/0
#10 - 1/0
#10 - 1/0 (4) #10 - 1/0
#10 - 1/0 #10 - 1/0
#8 - 1/0 #8 - 1/0
.840 Service Ent. Connectors
1/0 - 4/0
1/0 - 4/0
1/0 - 4/0 (4)
1/0 - 4/0
1/0 - 4/0
1/0 - 4/0
#4 - 350 #4 - 350
Aluminum “H” Taps
#6 - 4/0
#6 - 4/0 (4)
#6 - 500
#6 - 500
#6 - 900
Copper “H” Taps
#10 - #2
#12 - #2 (4)
#12 - 4/0
#12 - 4/0 #12 - 4/0
Copper Tension Splice
#6 - 2/0
#6 - 2/0 (4)
#6 - 500
#6 - 500
#6- 500
#6 - 4/0 #6 - 4/0
All Aluminum Tension Splice
#6 - 4/0
#6 - 4/0 (4) #6 - 587.5 #6 - 587.5 #6 - 587.5
One Piece ACSR Tension Splice
#4 - 1/0
#4 - 1/0 (4) #4 - 556.5 #4 - 556.5 #4 - 556.5
#4 - 477 #4 - 477
Two Piece ACSR Tension Splice
#2 - 477
#2 - 4/0 (4) #2 - 556.5 #2 - 556.5 #2 - 900
Aluminum Jumper Splice
#4 - 2668 #4 - 266.8 (4) #4 - 556.5 #4 - 556.5 #4 - 795
Stirrups
#2 - 4/0
#6 - 4/0 (4)
#6 - 500
#6 - 500
#6 - 500
Aluminum Lugs
#2 - 1/0
#4 - 4/0 (4) #4 - 556.5 #4 - 556.5 #4 - 795
Copper Lugs
#6 - 1/0
1/0 - 2/0 (4) 1/0 - 500
1/0 - 500 1/0 - 500
NOTES:
(1) Die wheels are rotated to match the cable size. Dies are color coded and marked with the cable size.
(2) Capacity using Greenlee K-22 dies.
(3) Capacity using Greenlee KA22 dies.
(4) Capacity using “W” dies.
(5) Capacity using “U” dies.
K425BG
Manual Crimping Tool
• Designed for crimping a wide range of overhead service entrance
connections, overhead splices, and overhead taps.
• Easy to use MD-6 type “pop” tool.
• Equipped with D
3 die groove and either “BG” or “O” die groove.
• The D
3 die groove serves as a die seat for all Greenlee and industry “W”
type dies.
• Bent fiberglass handles provide a solid grip, good leverage, and better
durability than wood.
• Teflon impregnated bushings at pivot joints provide smooth operation
and long life.
• Complete crimps are assured with an over-center cam mechanism.
• Tool can easily be checked visually for proper adjustment, and can be
adjusted with Allen wrenches.
CAT. NO.
UPC NO.
DESCRIPTION
K425
O
02064
Crimping Tool with D
3 and O die grooves
K425BG
02065
Crimping Tool with D
3 and BG die grooves
SPECIFICATIONS
Capacity
See capacity chart above
Crimping Force
9,000 lb. (40 kN)
Length
25-3/8" (645 mm)
Weight
7.1 lbs. (3.2 kg)
157



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com