Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 8 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 8 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 4Page - Greenlee Communications 08082 Datasheet HTML 5Page - Greenlee Communications 08082 Datasheet HTML 6Page - Greenlee Communications 08082 Datasheet HTML 7Page - Greenlee Communications 08082 Datasheet HTML 8Page - Greenlee Communications 08082 Datasheet HTML 9Page - Greenlee Communications 08082 Datasheet HTML 10Page - Greenlee Communications 08082 Datasheet HTML 11Page - Greenlee Communications 08082 Datasheet HTML 12Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
148
CAT. NO.
UPC NO.
DESCRIPTION
CSG50GL11
01384
Corded Cable Cutter, 120 V
CSG50GL22
01385
Corded Cable Cutter, 230 V
SPECIFICATIONS
Cutting Capacity
2" (50 mm) diameter Al or Cu cable
Length
15-3/4" (400 mm)
Weight
10 lbs. (4.5 kg)
Height
14-1/4" (362 mm)
Gator-Plus™ Corded Cable Cutters
• Operates directly from 120 volt or 230 volt 50 Hz electrical outlets. No
need to charge batteries or worry about running out of power.
• Equipped with 15 foot (5 m) cord. Can be used with extension cords.
• Ram automatically retracts after the cut is complete. No need to push a
retract lever. Tool is automatically ready to perform the next cut.
• Two-speed pump advances the ram quickly to start the cut.
• Cutting blades are specially hardened and precision ground to hold their
sharpness.
• Lightweight and easy to use.
• Cutting head rotates 360° for making cuts in tight locations, and flips
open to make mid-span cuts easy.
• Includes steel carrying case.
• U.S. Patent #6,206,663.
Gator-Plus™ ESG85GL Battery-Powered Cable Cutters
• Two-speed pump advances the ram quickly to start the cut.
• Cutting blades are specially hardened and precision ground to hold their
sharpness.
• Cutting head rotates 360° for making cuts in tight locations, and flips
open to make mid-span cuts easy.
• Includes one-hour battery charger, steel carrying case and two batteries.
• Choice of a 120 volt, 230 volt, or 12 volt battery charger.
• U.S. Patent #6,206,663.
CAT. NO.
UPC NO.
DESCRIPTION
ESG85GL11
06761
Battery-Powered Cable Cutter, 120 V Charger
ESG85GL12
06762
Battery-Powered Cable Cutter, 12 V Charger
ESG85GL22
06763
Battery-Powered Cable Cutter, 230 V Charger
SPECIFICATIONS
Length
19-1/4" (489 mm)
Height
12-7/8" (327 mm)
Weight
16.4 lbs. (7.4 kg)
Battery
12 volt 2.0 Ah NiCd
Battery Charge Time
1 hour
Capacity
Communications Cable:
3.3" diameter (85 mm diameter)
Lead sheathed telephone cable:
3.3" diameter (85 mm diameter)
Copper cable:
3.3" diameter (85 mm diameter)
Aluminum cable:
3.3" diameter (85 mm diameter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com