Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 9 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 9 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 5Page - Greenlee Communications 08082 Datasheet HTML 6Page - Greenlee Communications 08082 Datasheet HTML 7Page - Greenlee Communications 08082 Datasheet HTML 8Page - Greenlee Communications 08082 Datasheet HTML 9Page - Greenlee Communications 08082 Datasheet HTML 10Page - Greenlee Communications 08082 Datasheet HTML 11Page - Greenlee Communications 08082 Datasheet HTML 12Page - Greenlee Communications 08082 Datasheet HTML 13Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
Gator-Plus™ ESG45GL Battery-Powered Cable, ACSR & Guy Wire Cutters
• The ram automatically retracts after the cut is complete to ready the tool
for the next cut.
• The two-speed pump advances the ram rapidly to start the cut reducing
cycle time.
• Cutting head rotates 360° for making cuts in tight locations, and flips
open to make mid-span cuts easy.
• Includes one-hour battery charger, steel carrying case and two batteries.
• Choice of a 120 volt, 230 volt, or 12 volt battery charger.
CAT. NO.
UPC NO.
DESCRIPTION
ESG45GL11
10412
Battery-Powered ACSR Cable Cutter, 120 V Charger
ESG45GL12
10413
Battery-Powered ACSR Cable Cutter, 12 V Charger
ESG45GL22
10414
Battery-Powered ACSR Cable Cutter, 230 V Charger
SPECIFICATIONS
Length
15-1/2" (394 mm)
Height
12-1/2" (318 mm)
Weight
12.8 lbs. (5.8 kg)
Battery
12 volt 2.0 Ah NiCd
Battery Charge Time 1 hour
Capacity
ACSR:
1590 kcmil (MCM), (Falcon 54/19)
Standard Guy Strand:
5/8" diameter (16 mm diameter)
EHS Guy Strand:
1/2" diameter (13 mm diameter)
Ground Rod:
5/8" diameter (16 mm diameter)
Rebar (schedule 60):
1/2" diameter (13 mm diameter)
Wire Rope:
5/8" diameter (16 mm diameter)
Copper and Aluminum Cable: 1500 kcmil (MCM) (800 mm2)
Soft Steel Bolts:
5/8" diameter (16 mm diameter)
Gator-Plus™ CSG45GL Corded Cable, ACSR & Guy Wire Cutters
• Operates directly from 120 volt or 230 volt 50 Hz electrical outlets. No
need to charge batteries or worry about running out of power.
• Equipped with 15 foot (5 m) cord. Can be used with extension cords.
• The ram automatically retracts after the cut is complete to ready the tool
for the next cut.
• The two-speed pump advances the ram rapidly to start the cut reducing
cycle time.
• Cutting head rotates 360° for making cuts in tight locations, and flips
open to make mid-span cuts easy.
• Includes steel carrying case.
CAT. NO.
UPC NO.
DESCRIPTION
CSG45GL11
01382
Corded ACSR Cable Cutter, 120 V
CSG45GL22
01383
Corded ACSR Cable Cutter, 230 V
SPECIFICATIONS
Length
15-1/2" (394 mm)
Height
12-1/2" (318 mm)
Weight
12.8 lbs. (5.8 kg)
Capacity
ACSR:
1590 kcmil (MCM), (Falcon 54/19)
Standard Guy Strand:
5/8" diameter (16 mm diameter)
EHS Guy Strand:
1/2" diameter (13 mm diameter)
Ground Rod:
5/8" diameter (16 mm diameter)
Rebar (schedule 60):
1/2" diameter (13 mm diameter)
Wire Rope:
5/8" diameter (16 mm diameter)
Copper and Aluminum Cable: 1500 kcmil (MCM) (800 mm2)
Soft Steel Bolts:
5/8" diameter (16 mm diameter)
greenlee.com
149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com