Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 38 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 38 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 34Page - Greenlee Communications 08082 Datasheet HTML 35Page - Greenlee Communications 08082 Datasheet HTML 36Page - Greenlee Communications 08082 Datasheet HTML 37Page - Greenlee Communications 08082 Datasheet HTML 38Page - Greenlee Communications 08082 Datasheet HTML 39Page - Greenlee Communications 08082 Datasheet HTML 40Page - Greenlee Communications 08082 Datasheet HTML 41Page - Greenlee Communications 08082 Datasheet HTML 42Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
178
Ratchet Cable Bender
• Simplifies and speeds cable installation.
• 10" (254 mm) ratchet extension is furnished to simplify bending in
deep enclosures.
• Includes ratchet wrench, L-wrench, ratchet extension, bending shoe
assembly and storage box.
CAT. NO.
UPC NO.
DESCRIPTION
796
22590
Ratchet Cable Bender
22578
22578
Ratchet Wrench with Grip
22579
22579
L-Wrench with Grip
22682
22682
10" (254 mm) Ratchet Extension
22934
22934
Bending Shoe
30236
30236
Storage Box
SPECIFICATIONS
Capacity
Up through 500 kcmil (MCM) (240 mm2), 600 volt, copper
or aluminum cable
Weight
8.2 lbs. (3.7 kg)
800F1725
SPECIFICATIONS
Capacity
350 - 1000 kcmil (MCM) (185-500 mm2), 600 volt;
350 - 750 kcmil (MCM) compact cable
Weight
800 – 7 lbs. (3.2 kg), 802 – 26 lbs. (11.8 kg)
800F1725 – 36 lbs. (16.4 kg)
Hydraulic Cable Bender
• One-shot bends up to 90°; automatically unloads cable.
• Compact design bends in tight places.
• Unit with foot pump keeps both hands free to hold cable.
CAT. NO.
UPC NO.
DESCRIPTION
800
23892
Hydraulic Cable Bender only
802
24395
Hydraulic Cable Bender with High Pressure Hose Unit
and Storage Box
800F1725
23893
Hydraulic Cable Bender with 1725 Foot Pump,
High Pressure Hose Unit and Storage Box
37729
37729
High Pressure Hydraulic Hose 1/4" x 10' (6.4 mm x 3 m)
1725
31353
Hydraulic Foot Pump
23955
23955
Metal Storage Box
Electrician’s Knife With Jacket Slicing Side Blade
• Resharpenable main blade for ringing and slicing cable jackets.
• Depth limited side blade for slicing thin jackets without insulation damage
or wire nicking.
• Comfortable-to-hold one-piece molded handle.
• Single tool can be used to remove the jacket on most cables commonly
installed by electricians, from 14-2 NM to 750 kcmil (MCM) THHN building
cable to 16-4 portable cord to 50 pair CM telephone cable.
• For large diameter cables such as 500 kcmil (MCM) THHN, use the main
blade to ring the cable and slice the jacket. Then simply peel off the
remaining jacket.
• For small cables such as NM-B, NM-D, and UF use the side blade to peel
the jacket. Pull back the peeled jacket, and then use the main blade to cut
off the excess.
CAT. NO.
UPC NO.
DESCRIPTION
1909
10029
Electrician’s Knife
SPECIFICATIONS
Length
7-1/4" (183 mm)
Weight
0.2 lb. (0.1 kg)
Strip
Peel
Cut-off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com