Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 13 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 13 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 9Page - Greenlee Communications 08082 Datasheet HTML 10Page - Greenlee Communications 08082 Datasheet HTML 11Page - Greenlee Communications 08082 Datasheet HTML 12Page - Greenlee Communications 08082 Datasheet HTML 13Page - Greenlee Communications 08082 Datasheet HTML 14Page - Greenlee Communications 08082 Datasheet HTML 15Page - Greenlee Communications 08082 Datasheet HTML 16Page - Greenlee Communications 08082 Datasheet HTML 17Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
774
773
763
764
SPECIFICATIONS
Capacity
Copper
Aluminum
Communications Cable
763
Maximum
500 kcmil (MCM) (240 mm2)
795 kcmil (MCM) (400 mm2)
1-3/16" dia.
Frequent Use
350 kcmil (MCM) (150 mm2)
750 kcmil (MCM) (400 mm2)
Length 13-3/4" (349 mm);
Weight 4.8 lbs. (2.2 kg)
764
Maximum
750 kcmil (MCM) (400 mm2)
795 kcmil (MCM) (400 mm2)
1-3/16" dia.
Frequent Use
500 kcmil (MCM) (240 mm2)
750 kcmil (MCM) (400 mm2)
Length 19-1/8" (486 mm)
Weight 5.3 lbs. (2.4 kg)
CAT. NO.
UPC NO.
DESCRIPTION
763
05542
Ratchet Cable Cutter, 13-3/4"
764
35516
Ratchet Cable Cutter, 19-1/8"
36037
36037
763, 764 Cutter Head Unit (2 Blades)
Ratchet Cable Cutters
• High leverage for easier cutting.
• Anti-slip mechanism ensures positive ratcheting.
• One handle stationary while the other ratchets for use in deep boxes or
against walls.
• Durable, lightweight fiberglass handles.
SPECIFICATIONS
Capacity
Copper
Aluminum
Communications Cable
773
Maximum
500 kcmil (MCM) (240 mm2)
795 kcmil (MCM) (400 mm2)
1-3/16" dia.
Frequent Use
350 kcmil (MCM) (150 mm2)
750 kcmil (MCM) (400 mm2)
Length 15-1/2" (394 mm);
Weight 5.3 lbs. (2.4 kg)
774
Maximum
750 kcmil (MCM) (400 mm2)
795 kcmil (MCM) (400 mm2)
1-3/16" dia.
Frequent Use
500 kcmil (MCM) (240 mm2)
750 kcmil (MCM) (400 mm2)
Length 19-1/8" (486 mm)
Weight 5.8 lbs. (2.6 kg)
CAT. NO.
UPC NO.
DESCRIPTION
773
01876
Hi Performance Ratchet Cable Cutter, 15-1/2"
774
01878
Hi Performance Ratchet Cable Cutter, 19-1/8"
CAT. NO.
UPC NO.
DESCRIPTION
756
34081
Heavy-Duty Ratchet Cable Cutter
with rubber boot.
756U
38793
Heavy-Duty Ratchet Cable Cutter
without rubber boot.
34188
34188
Cutter Head Unit (Includes 2 Blades)
Heavy-Duty Ratchet Cable Cutters
• Extra thick blades, ground flat to reduce potential for breakage.
• Ratchet action for heavy-duty cutting.
• Two cutting actions – fast scissor cutting for small cable and insulation;
converts automatically to ratchet mode.
• Anti-slip mechanism for positive ratchet action.
• Rubber boot protects ratchet mechanism.
SPECIFICATIONS
Capacity
Copper
Aluminum
Maximum
1500 kcmil (MCM) (800 mm2)
1500 kcmil (MCM) (800 mm2)
Frequent Use
1000 kcmil (MCM) (500 mm2)
1000 kcmil (MCM) (500 mm2)
Length 27-1/2" (698 mm) long,
Jaw opening 2" (51 mm)
Weight 11.41 lbs. (5.17 kg)
High Performance Ratchet Cable Cutters
• Two-speed mechanism saves cutting time by closing the blades rapidly
and shifting to normal speed to perform the cut.
• No more pushing on stubborn release buttons–the blades open
automatically when the cut is complete.
• Completely new ratchet mechanism improves durability.
• Narrow profile permits use in deep boxes, against walls, or on floors.
• Durable, lightweight fiberglass handles.
greenlee.com
153



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com