Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 43 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 43 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 39Page - Greenlee Communications 08082 Datasheet HTML 40Page - Greenlee Communications 08082 Datasheet HTML 41Page - Greenlee Communications 08082 Datasheet HTML 42Page - Greenlee Communications 08082 Datasheet HTML 43Page - Greenlee Communications 08082 Datasheet HTML 44Page - Greenlee Communications 08082 Datasheet HTML 45Page - Greenlee Communications 08082 Datasheet HTML 46Page - Greenlee Communications 08082 Datasheet HTML 47Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
greenlee.com
183
CAT. NO.
UPC NO.
DESCRIPTION
45504
45504
9" Crimper frame only
Kwik Cycle™ Crimping Tool
• For non-insulated terminals.
• Includes ratchet mechanism which releases only after full crimp cycle
is completed.
SPECIFICATIONS
Capacity
22 AWG - 6 AWG
Length
12.8" (325 mm)
Weight
.3 lbs. (136 g)
CAT. NO.
UPC NO.
DESCRIPTION
K2-1BGL
02632
Kwik Cycle Crimping Tool
Kwik Cycle™ 9
• Frames are manufactured from heat-treated, hardened tool steel for
superior life and function.
• Tools feature a precision full cycle ratchet for accurate, repeatable crimps
every cycle.
• Crimping dies are manufactured from hardened, heat-treated tool steel for
superior life.
• Tension adjustment preset at the factory for optimum performance.
• Higher leverage force and ergonomically designed handle for
improved comfort.
• Ideal for field installation of connectors as well as the shop.
• Die sets are easily interchangeable with a screwdriver.
SPECIFICATIONS
Capacity
Uses Kwik Cycle™ 9 Die Sets
Weight
1.1 lb. (500 g)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com