Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 5 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 5 Page - Greenlee Communications

  08082 Datasheet HTML 1Page - Greenlee Communications 08082 Datasheet HTML 2Page - Greenlee Communications 08082 Datasheet HTML 3Page - Greenlee Communications 08082 Datasheet HTML 4Page - Greenlee Communications 08082 Datasheet HTML 5Page - Greenlee Communications 08082 Datasheet HTML 6Page - Greenlee Communications 08082 Datasheet HTML 7Page - Greenlee Communications 08082 Datasheet HTML 8Page - Greenlee Communications 08082 Datasheet HTML 9Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
UAK
UC40
UCUNC38
UCD3215
UA6P
DIE ADAPTERS
UA22
07062
Adapter for Greenlee K22 dies
UAK
07033
Adapter for Kearney “0”, T&B “6 Ton”, and Blackburn
“OD” dies
UAW
07035
Adapter for Burndy “W” and Panduit “CD-2001” dies
(equivalent to “D
3” die)
CABLE CUTTING BLADES
UC26
06714
Cutter Blades AL & CU 1" capacity
UC40
07036
Cutter Blades AL & CU 1-1/2" capacity
UCACSR
07037
Cutter blades for ACSR & guy strand
THREADED ROD CUTTING BLADES
UCUNC14
07038
Cutter blades for 1/4" threaded rod
UCUNC38
07039
Cutter blades for 3/8" threaded rod
UCUNC12
07274
Cutter blades for 1/2" threaded rod
UCM5
07053
Cutter blades for M5 threaded rod
UCM6
07050
Cutter blades for M6 threaded rod
UCM8
07051
Cutter blades for M8 threaded rod
UCM10
07052
Cutter blades for M10 threaded rod
DIN RAIL CUTTING BLADES
UCD3575
07041
DIN rail cutter blades – 35 x 7.5
UCD3215
07042
DIN rail cutter blades – 32 x 15 x 9
UCD3515
07043
DIN rail cutter blades – 35 x 15
UPD6
01620
DIN Rail Punch (punches 15 mm x 6.2 mm hole in
35 x 7.5 and 35 x 15 DIN rail)
KNOCKOUT PUNCH ADAPTER
UA6P
07020
Punch Driver Adapter* (accepts 3/4" draw steel)
* U.S. Patent #6, 065, 326
CCX Tool Capacities
CRIMPING
CUTTING
PUNCHING
Copper Color-Coded Lugs and Splices: 600 kcmil (MCM)
Copper and Aluminum Cable: 1-1/2" (40 mm)
Round: 2.42" (61.5 mm) in 10 ga. mild steel
Aluminum Color-Coded Lugs and Splices: 300 kcmil (MCM)
ACSR: 954 kcmil (MCM) (Cardinal)
5/8" Service Entrance Connectors: #10-1/0
Standard Guy Strand: 5/8" (20 mm)
.840 Service Entrance Connectors: 1/0-4/0
EHS Guy Strand: 1/2" (13 mm)
Aluminum Overhead “H” taps: #6-4/0
Ground Rod: 1/2" (13 mm)
One Piece ACSR Tension Splices: #4-1/0
Rebar (schedule 60): 1/2" (13 mm)
Two Piece ACSR Tension Splices: #2-4/0
Threaded Rod: 1/4", 3/8", 1/2", 4 mm, 5 mm,
6 mm, 8 mm, 10 mm
DIN Rail: 35 x 7.5, 32 x 15 x 9, 35 x 15
CCX Tool Accessories (optional, all in pairs except punch driver)
greenlee.com
145



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com