Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

08082 Datasheet(PDF) 41 Page - Greenlee Communications

Part # 08082
Description  WIRE & CABLE TERMINATION
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLEE [Greenlee Communications]
Direct Link  https://www.greenlee.com/
Logo GREENLEE - Greenlee Communications

08082 Datasheet(HTML) 41 Page - Greenlee Communications

Back Button 08082 Datasheet HTML 37Page - Greenlee Communications 08082 Datasheet HTML 38Page - Greenlee Communications 08082 Datasheet HTML 39Page - Greenlee Communications 08082 Datasheet HTML 40Page - Greenlee Communications 08082 Datasheet HTML 41Page - Greenlee Communications 08082 Datasheet HTML 42Page - Greenlee Communications 08082 Datasheet HTML 43Page - Greenlee Communications 08082 Datasheet HTML 44Page - Greenlee Communications 08082 Datasheet HTML 45Page - Greenlee Communications Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
USA Tel: 800-435-0786
Canada Tel: 800-435-0786
International Tel: +1-815-397-7070
Fax: 800-451-2632
Fax: 800-524-2853
Fax: +1-815-397-9247
181
1960
1961
1962
CAT. NO.
UPC NO.
DESCRIPTION
1960
06854
Pro Stripper 12/2 & 14/2
1961
06855
Pro Stripper 12/2
1962
06856
Pro Stripper 14/2
Pro Wire Strippers for NM Cable
• Pliers nose for working with small nuts and pulling wire.
• Machined stripping stations with a positive stop provide precise stripping
diameters.
• Long curved cutter blades reduce force required by 25% and can cut NM
in single cut.
• Hole in jaws for looping wires.
• Extra long cushioned handles add comfort and reduce hand fatigue.
• Opening stop prevents spring from disengaging.
• Lock tab protects cutting edges during storage.
• Easy-to-read graphics.
• Cuts screws.
SPECIFICATIONS
Removes
NM-B outer jacket
Strips
1960 – #12 and #14 AWG solid; 1961 – #12 AWG solid;
1962 – #14 AWG solid
Cuts
#6-32 and #8-32 screws
Length
1960 – 7-3/4" (197 mm); 1961 & 1962 – 7-1/4" (184 mm)
SPECIFICATIONS
Capacity
PVC or THHN insulation
1916 – 20 - 10 AWG (.5 mm2 - 6 mm2)
1917 – 26 - 16 AWG (.14 mm2 - 1.5 mm2)
1918 – 30 - 22 AWG (.05 mm2 - .34 mm2)
Weight
.2 lb. (91 g) All Models
The Terminators® Wire Stripper/Cutters
All three models feature:
• Stamped from high carbon tool steel with black oxide finish.
• Serrated nose grip for wire pulling and straightening.
• Pivot joints have hardened steel bushings.
• New, softer grip.
• Precision ground blades for consistent stripping and cutting.
• Heat treated for long life.
CAT. NO.
UPC NO.
DESCRIPTION
1916
31891
The Terminators® Wire Stripper/Cutter for use with
solid wire
1917
31890
The Terminators® Wire Stripper/Cutter for use with
stranded wire
1918
31889
The Terminators® Wire Stripper/Cutter for use with
small gauge solid wire
The Terminators® V-Notch Wire Stripper/Cutter
• Stamped from high carbon tool steel with black oxide finish.
• Pivot joints have hardened steel bushings.
• Vinyl cushioned grip.
• Precision ground blades for consistent stripping and cutting.
• Adjustable settings.
• Heat treated for long life.
CAT. NO.
UPC NO.
DESCRIPTION
1913
31894
The Terminators® V-Notch Wire Stripper/Cutter
1914
31893
The Terminators® V-Notch Wire Stripper/Cutter
with Spring and Lock Function
SPECIFICATIONS
Capacity
30 - 10 AWG (.25 - 4 mm) with PVC or THHN insulation
Weight
.16 lb. (73 g)
greenlee.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com